Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92LV1021AMSA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92LV1021AMSA
Description  16-40 MHz 10 Bit Bus LVDS Serializer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV1021AMSA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS92LV1021AMSA Datasheet HTML 4Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 5Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 6Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 7Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 8Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 9Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 10Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 11Page - National Semiconductor (TI) DS92LV1021AMSA Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Serializer Pin Description
Pin Name
I/O
No.
Description
DIN
I
3–12
Data Input. TTL levels inputs. Data on these pins are loaded into a
10-bit input register.
TCLK_R/F
I
13
Transmit Clock Rising/Falling strobe select. TTL level input. Selects
TCLK active edge for strobing of DIN data. High selects rising
edge. Low selects falling edge.
DO+
O
22
+ Serial Data Output. Non-inverting Bus LVDS differential output.
DO−
O
21
− Serial Data Output. Inverting Bus LVDS differential output.
DEN
I
19
Serial Data Output Enable. TTL level input. A low, puts the Bus
LVDS outputs in TRI-STATE.
PWRDN
I
24
Powerdown. TTL level input. PWRDN driven low shuts down the
PLL and TRI-STATEs the outputs putting the device into a low
power sleep mode. This pin has an internal weak pull down.
TCLK
I
14
Transmit Clock. TTL level input. Input for 16 MHz–40 MHz
(nominal) system clock.
SYNC
I
1, 2
Assertion of SYNC (high) for at least 1024 synchronization symbols
to be transmitted on the Bus LVDS serial output. Synchronization
symbols continue to be sent if SYNC continues asserted. TTL level
input. The two SYNC pins are ORed.
DVCC
I
27, 28
Digital Circuit power supply. DVCC voltage level should be identical
to the AVCC voltage level.
DGND
I
15, 16
Digital Circuit ground. Ground potential should be the same as
AGND.
AVCC
I
17, 26
Analog power supply (PLL and Analog Circuits). AVCC voltage
level should be identical to the DVCC voltage level.
AGND
I
18, 25, 20, 23
Analog ground (PLL and Analog Circuits). Ground potential should
be the same as DGND.
Truth Table
DIN (0–9)
TCLK_R/F
TCLK
SYNC1/SYNC2
DEN
PWRDN
DO+
DO−
XXX
X
X
0
Z
Z
XXX
X
0
1
Z
Z
X
X
SYSTEM CLK
1
1
1
SYNC PTRN
SYNC PTRN*
DATA
1
L
0
1
1
DATA (0–9)
DATA (0–9)*
DATA
0
K
0
1
1
DATA (0–9)
DATA (0–9)*
RI
RI−
RCLK_R/F
REFCLK
REN
PWRDN
RCLK
LOCK
XXX
X
X
0
Z
Z
X
X
X
X
0**
1
Z
Z
SYNC PTRN
SYNC PTRN*
X
SYSTEM CLK
1
1
CLK
1
DATA (0–9)
DATA (0–9)*
1
SYSTEM CLK
1
1
L
0
DATA (0–9)
DATA (0–9)*
0
SYSTEM CLK
1
1
K
0
∼ Pulse 5-bits
* Inverted
†Must be 1 before SYNC PTRN starts
** Device must be locked first
www.national.com
11


Similar Part No. - DS92LV1021AMSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1021AMSA TI1-DS92LV1021AMSA Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
DS92LV1021AMSA/NOPB TI1-DS92LV1021AMSA/NOPB Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
DS92LV1021AMSAX TI1-DS92LV1021AMSAX Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
DS92LV1021AMSAX/NOPB TI1-DS92LV1021AMSAX/NOPB Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
More results

Similar Description - DS92LV1021AMSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS92LV1023 NSC-DS92LV1023 Datasheet
625Kb / 13P
   40-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023 TI1-DS92LV1023_15 Datasheet
959Kb / 19P
[Old version datasheet]   40-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1023E NSC-DS92LV1023E Datasheet
632Kb / 13P
   30-66 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV16 NSC-DS92LV16 Datasheet
397Kb / 19P
   16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com