Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V835L20PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V835L20PF
Description  3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V835L20PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V835L20PF Datasheet HTML 1Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 2Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 3Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 4Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 5Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 6Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 7Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 8Page - Integrated Device Technology IDT72V835L20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
5
Commercial
Com’l & Ind’l(2)
Commercial
IDT72V805L10
IDT72V805L15
IDT72V805L20
IDT72V815L10
IDT72V815L15
IDT72V815L20
IDT72V825L10
IDT72V825L15
IDT72V825L20
IDT72V835L10
IDT72V835L15
IDT72V835L20
IDT72V845L10
IDT72V845L15
IDT72V845L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency—
100
66.7
50
MHz
tA
Data Access Time
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock HIGH Time
4.5
6
8
ns
tCLKL
Clock LOW Time
4.5
6
8
ns
tDS
Data Setup Time
3
4
5
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
Enable Setup Time
3
4
5
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
Reset Pulse Width(1)
10
15
20
ns
tRSS
Reset Setup Time
8
10
12
ns
tRSR
Reset Recovery Time
8
10
12
ns
tRSF
Reset to Flag and Output Time
15
15
20
ns
tOLZ
Output Enable to Output in Low-Z(3)
0—0—
0
ns
tOE
Output Enable to Output Valid
6
3
8
3
10
ns
tOHZ
Output Enable to Output in High-Z(3)
16
38
3
10
ns
tWFF
Write Clock to Full Flag
6.5
10
12
ns
tREF
Read Clock to Empty Flag
6.5
10
12
ns
tPAFA
Clock to Asynchronous Programmable
17
20
22
ns
Almost-Full Flag
tPAFS
Write Clock to Synchronous
8
10
12
ns
Programmable Almost-Full Flag
tPAEA
Clock to Asynchronous Programmable
17
20
22
ns
Almost-Empty Flag
tPAES
Read Clock to Synchronous
8
10
12
ns
Programmable Almost-Empty Flag
tHF
Clock to Half-Full Flag
17
20
22
ns
tXO
Clock to Expansion Out
6.5
10
12
ns
tXI
Expansion In Pulse Width
3
6.5
8
ns
tXIS
Expansion In Setup Time
3
5
8
ns
tSKEW1
Skew time between Read Clock &
5
6
8
ns
Write Clock for
FF/IR and EF/OR
tSKEW2(4)
Skew time between Read Clock &
14
18
20
ns
Write Clock for
PAE and PAF
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0°C to +70°C; Industrial: VCC = 3.3V
± 0.3V, TA = -40°C to +85°C)
NOTES:
1. Pulse widths less than minimum values are not allowed.
2. Industrial temperature range product for the 15ns speed grade is available as a standard device.
3. Values guaranteed by design, not currently tested.
4. tSKEW2 applies to synchronous
PAE and synchronous PAF only.
30pF*
330
3.3V
510
D.U.T.
4295 drw 03
Figure 1. Output Load
* Includes jig and scope capacitances.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1


Similar Part No. - IDT72V835L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V835 IDT-IDT72V835 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72V835 RENESAS-IDT72V835 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - IDT72V835L20PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com