Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36D251HPN122MC48M Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # E36D251HPN122MC48M
Description  Large Can
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D251HPN122MC48M Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  E36D251HPN122MC48M Datasheet HTML 1Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 2Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 3Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 4Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D251HPN122MC48M Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
86
U36D Series
The U36D series is ideal for inverter applications requiring high ripple current capabilities. With a
voltage range through 550 volts, the number of capacitors in series can be reduced. The U36D
capacitors offer very large capacitance of up to 2.2F and a maximum operating temperature
of
85 C. These capacitors are available with a variety of high current English or Metric thread
terminals. Mounting options available are a three-footed clamp or bottom stud. (A special order
two-footed clamp is also available for selected diameters.) All case size dimensions are based on
inches. Custom designs are available upon request.
Large Can
Screw Terminals
High Ripple
Up to 550VDC
Rated Voltage
Dimensions in
Inches
RoHS Compliant
85 C
Maximum
Temperature
Screw terminals: high and low post, English and Metric thread.
Capacitance range: 68µF to 2.2F.
Voltage range: 6.3 to 550VDC.
Category temperature range:
40 Cto
85 C.
Leakage current: 0.02CV(µA) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): D = 35mm (1.375”) to 89mm (3.500”); L = 41mm (1.625”) to
220mm (8.625”).
Rated lifetime: 2,000 hours at
85 C with rated ripple current applied.
Summary of Specifications


Similar Part No. - E36D251HPN122MC48M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D250HPN CHEMI-CON-E36D250HPN Datasheet
143Kb / 13P
   Large Can
E36D250HPN104MAE3M CHEMI-CON-E36D250HPN104MAE3M Datasheet
151Kb / 13P
   Screw Terminals
E36D250HPN104MAE3M CHEMI-CON-E36D250HPN104MAE3M Datasheet
143Kb / 13P
   Large Can
E36D250HPN104MC79M CHEMI-CON-E36D250HPN104MC79M Datasheet
151Kb / 13P
   Screw Terminals
E36D250HPN104MC79M CHEMI-CON-E36D250HPN104MC79M Datasheet
143Kb / 13P
   Large Can
More results

Similar Description - E36D251HPN122MC48M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com