Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32F351CPN822MFD0M Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # E32F351CPN822MFD0M
Description  Large Can
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32F351CPN822MFD0M Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

  E32F351CPN822MFD0M Datasheet HTML 1Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 2Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 3Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 4Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 5Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 6Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 7Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 8Page - United Chemi-Con, Inc. E32F351CPN822MFD0M Datasheet HTML 9Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
137
U32F Series
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
500 Volts
550 Volts Surge
4,700
E32F501CPN472MFD0M
89
130
FD0
34
16.6
19.9
23.3
4,700
E32F501CPN472MFK0M
89
190
FK0
30
21.1
27.4
31.6
5,600
E32F501CPN562MFE3M
89
143
FE3
29
18.9
22.7
26.4
5,600
E32F501CPN562MFN0M
89
220
FN0
25
24.5
31.8
36.7
8,200
E32F501CPN822MFK0M
89
190
FK0
20
25.9
31.1
36.3


Similar Part No. - E32F351CPN822MFD0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN822MFD0M CHEMI-CON-E32F351CPN822MFD0M Datasheet
128Kb / 9P
   Screw Terminals
E32F351CPN822MFD0M CHEMI-CON-E32F351CPN822MFD0M Datasheet
129Kb / 9P
   Large Can
More results

Similar Description - E32F351CPN822MFD0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com