Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36D250HPN104MC79M Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # E36D250HPN104MC79M
Description  Large Can
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D250HPN104MC79M Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

Back Button E36D250HPN104MC79M Datasheet HTML 2Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 3Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 4Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 9Page - United Chemi-Con, Inc. E36D250HPN104MC79M Datasheet HTML 10Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
91
U36D Series
16 Volts
20 Volts Surge
10 Volts
13 Volts Surge
6.3 Volts
8 Volts Surge
39,000
E36D6R3HPN393MA41M
1.375
1.625
A41
42.7
4.48
68,000
E36D6R3HPN683MA54M
1.375
2.125
A54
25.5
6.35
120,000
E36D6R3HPN124MA79M
1.375
3.125
A79
15.4
9.47
180,000
E36D6R3HPN184MAA5M
1.375
4.125
AA5
11.2
11.10
220,000
E36D6R3HPN224MAB7M
1.375
4.625
AB7
9.8
12.55
270,000
E36D6R3HPN274MAE3M
1.375
5.625
AE3
8.4
15.27
120,000
E36D6R3HPN124MC54M
2.000
2.125
C54
16.9
7.72
220,000
E36D6R3HPN224MC67M
2.000
2.625
C67
9.1
10.85
270,000
E36D6R3HPN274MC79M
2.000
3.125
C79
8.8
12.60
390,000
E36D6R3HPN394MC92M
2.000
3.625
C92
7.5
15.71
470,000
E36D6R3HPN474MCB7M
2.000
4.625
CB7
5.8
17.95
560,000
E36D6R3HPN564MCD0M
2.000
5.125
CD0
5.2
19.94
680,000
E36D6R3HPN684MCE3M
2.000
5.625
CE3
5.0
22.31
470,000
E36D6R3HPN474MD79M
2.500
3.125
D79
8.9
15.39
680,000
E36D6R3HPN684MDA5M
2.500
4.125
DA5
6.5
20.69
820,000
E36D6R3HPN824MDB7M
2.500
4.625
DB7
5.8
21.02
1,000,000
E36D6R3HPN105MDE3M
2.500
5.625
DE3
4.9
24.55
680,000
E36D6R3HPN684ME79M
3.000
3.125
E79
10.0
17.32
820,000
E36D6R3HPN824ME92M
3.000
3.625
E92
8.6
19.55
1,000,000
E36D6R3HPN105MEA5M
3.000
4.125
EA5
7.5
22.10
1,200,000
E36D6R3HPN125MEB7M
3.000
4.625
EB7
6.8
24.59
1,500,000
E36D6R3HPN155MEE3M
3.000
5.625
EE3
5.6
29.17
2,200,000
E36D6R3HPN225MEN0M
3.000
8.625
EN0
3.9
41.67
33,000
E36D100HPN333MA41M
1.375
1.625
A41
40.9
3.65
56,000
E36D100HPN563MA54M
1.375
2.125
A54
25.0
4.99
82,000
E36D100HPN823MA67M
1.375
2.625
A67
18.0
6.44
100,000
E36D100HPN104MA79M
1.375
3.125
A79
15.0
7.65
120,000
E36D100HPN124MA92M
1.375
3.625
A92
12.9
8.45
150,000
E36D100HPN154MAA5M
1.375
4.125
AA5
10.9
10.03
180,000
E36D100HPN184MAB7M
1.375
4.625
AB7
10.6
11.24
220,000
E36D100HPN224MAE3M
1.375
5.625
AE3
8.3
12.71
82,000
E36D100HPN823MC48M
2.000
1.875
C48
21.0
6.36
100,000
E36D100HPN104MC54M
2.000
2.125
C54
16.6
7.37
150,000
E36D100HPN154MC67M
2.000
2.625
C67
11.5
9.18
220,000
E36D100HPN224MC79M
2.000
3.125
C79
8.8
11.93
270,000
E36D100HPN274MC92M
2.000
3.625
C92
7.4
13.07
330,000
E36D100HPN334MCA5M
2.000
4.125
CA5
6.4
15.32
390,000
E36D100HPN394MCB7M
2.000
4.625
CB7
5.7
16.35
470,000
E36D100HPN474MCE3M
2.000
5.625
CE3
4.9
19.08
330,000
E36D100HPN334MD79M
2.500
3.125
D79
8.7
12.77
560,000
E36D100HPN564MDA5M
2.500
4.125
DA5
6.3
18.77
680,000
E36D100HPN684MDB7M
2.500
4.625
DB7
5.7
19.14
820,000
E36D100HPN824MDE3M
2.500
5.625
DE3
4.9
20.73
680,000
E36D100HPN684ME92M
3.000
3.625
E92
8.9
18.43
820,000
E36D100HPN824MEA5M
3.000
4.125
EA5
7.7
21.39
1,000,000
E36D100HPN105MED0M
3.000
5.125
ED0
6.0
23.50
1,200,000
E36D100HPN125MEE3M
3.000
5.625
EE3
5.7
26.84
1,800,000
E36D100HPN185MEN0M
3.000
8.625
EN0
4.0
37.69
22,000
E36D160HPN223MA41M
1.375
1.625
A41
44.2
3.16
39,000
E36D160HPN393MA54M
1.375
2.125
A54
26.1
4.50
56,000
E36D160HPN563MA67M
1.375
2.625
A67
19.0
5.63
68,000
E36D160HPN683MA79M
1.375
3.125
A79
15.8
6.68
82,000
E36D160HPN823MA92M
1.375
3.625
A92
13.5
7.86
100,000
E36D160HPN104MAA5M
1.375
4.125
AA5
11.6
9.23
120,000
E36D160HPN124MAB7M
1.375
4.625
AB7
10.2
10.33
150,000
E36D160HPN154MAE3M
1.375
5.625
AE3
8.7
12.69
56,000
E36D160HPN563MC48M
2.000
1.875
C48
21.7
5.51
68,000
E36D160HPN683MC54M
2.000
2.125
C54
17.2
6.37
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E36D250HPN104MC79M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D250HPN104MC79M CHEMI-CON-E36D250HPN104MC79M Datasheet
151Kb / 13P
   Screw Terminals
More results

Similar Description - E36D250HPN104MC79M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com