Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36D6R3HPN684ME79M Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # E36D6R3HPN684ME79M
Description  Large Can
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D6R3HPN684ME79M Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  E36D6R3HPN684ME79M Datasheet HTML 1Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 2Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 3Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 4Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D6R3HPN684ME79M Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
87
U36D Series
U36D Specifications - Screw Terminals
Item
Category Temperature Range
40 to
85 C
Rated Voltage Range
6.3 to 550VDC
Capacitance Range
68 F to 2.2F at
25 C, 120Hz
Capacitance Tolerance
20% ( M ) at
25 C, 120Hz
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
25 C after
subjecting them to DC voltage for 2,000 hours at
85 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 300% of initial specified limit
Leakage current
:
≤ initial specified limit
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to
25 C after
exposing them for 500 hours at
85 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 300% of initial specified limit
Leakage current
:
≤ initial specified limit
Characteristics
Leakage Current
I
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Rated Ripple Current Multipliers
Ambient Temperature ( C)
≤ 55 C
2.39
65 C
2.22
75 C
1.67
85 C
1.00
Frequency (Hz )
3kHz
1.4
1kHz
1.3
300Hz
1.1
120Hz
1.0
50Hz
0.8


Similar Part No. - E36D6R3HPN684ME79M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D6R3HPN684ME79M CHEMI-CON-E36D6R3HPN684ME79M Datasheet
151Kb / 13P
   Screw Terminals
More results

Similar Description - E36D6R3HPN684ME79M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com