Electronic Components Datasheet Search |
|
E36D501HPN272MEB7M Datasheet(PDF) 6 Page - United Chemi-Con, Inc. |
|
E36D501HPN272MEB7M Datasheet(HTML) 6 Page - United Chemi-Con, Inc. |
6 / 13 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 91 U36D Series 16 Volts 20 Volts Surge 10 Volts 13 Volts Surge 6.3 Volts 8 Volts Surge 39,000 E36D6R3HPN393MA41M 1.375 1.625 A41 42.7 4.48 68,000 E36D6R3HPN683MA54M 1.375 2.125 A54 25.5 6.35 120,000 E36D6R3HPN124MA79M 1.375 3.125 A79 15.4 9.47 180,000 E36D6R3HPN184MAA5M 1.375 4.125 AA5 11.2 11.10 220,000 E36D6R3HPN224MAB7M 1.375 4.625 AB7 9.8 12.55 270,000 E36D6R3HPN274MAE3M 1.375 5.625 AE3 8.4 15.27 120,000 E36D6R3HPN124MC54M 2.000 2.125 C54 16.9 7.72 220,000 E36D6R3HPN224MC67M 2.000 2.625 C67 9.1 10.85 270,000 E36D6R3HPN274MC79M 2.000 3.125 C79 8.8 12.60 390,000 E36D6R3HPN394MC92M 2.000 3.625 C92 7.5 15.71 470,000 E36D6R3HPN474MCB7M 2.000 4.625 CB7 5.8 17.95 560,000 E36D6R3HPN564MCD0M 2.000 5.125 CD0 5.2 19.94 680,000 E36D6R3HPN684MCE3M 2.000 5.625 CE3 5.0 22.31 470,000 E36D6R3HPN474MD79M 2.500 3.125 D79 8.9 15.39 680,000 E36D6R3HPN684MDA5M 2.500 4.125 DA5 6.5 20.69 820,000 E36D6R3HPN824MDB7M 2.500 4.625 DB7 5.8 21.02 1,000,000 E36D6R3HPN105MDE3M 2.500 5.625 DE3 4.9 24.55 680,000 E36D6R3HPN684ME79M 3.000 3.125 E79 10.0 17.32 820,000 E36D6R3HPN824ME92M 3.000 3.625 E92 8.6 19.55 1,000,000 E36D6R3HPN105MEA5M 3.000 4.125 EA5 7.5 22.10 1,200,000 E36D6R3HPN125MEB7M 3.000 4.625 EB7 6.8 24.59 1,500,000 E36D6R3HPN155MEE3M 3.000 5.625 EE3 5.6 29.17 2,200,000 E36D6R3HPN225MEN0M 3.000 8.625 EN0 3.9 41.67 33,000 E36D100HPN333MA41M 1.375 1.625 A41 40.9 3.65 56,000 E36D100HPN563MA54M 1.375 2.125 A54 25.0 4.99 82,000 E36D100HPN823MA67M 1.375 2.625 A67 18.0 6.44 100,000 E36D100HPN104MA79M 1.375 3.125 A79 15.0 7.65 120,000 E36D100HPN124MA92M 1.375 3.625 A92 12.9 8.45 150,000 E36D100HPN154MAA5M 1.375 4.125 AA5 10.9 10.03 180,000 E36D100HPN184MAB7M 1.375 4.625 AB7 10.6 11.24 220,000 E36D100HPN224MAE3M 1.375 5.625 AE3 8.3 12.71 82,000 E36D100HPN823MC48M 2.000 1.875 C48 21.0 6.36 100,000 E36D100HPN104MC54M 2.000 2.125 C54 16.6 7.37 150,000 E36D100HPN154MC67M 2.000 2.625 C67 11.5 9.18 220,000 E36D100HPN224MC79M 2.000 3.125 C79 8.8 11.93 270,000 E36D100HPN274MC92M 2.000 3.625 C92 7.4 13.07 330,000 E36D100HPN334MCA5M 2.000 4.125 CA5 6.4 15.32 390,000 E36D100HPN394MCB7M 2.000 4.625 CB7 5.7 16.35 470,000 E36D100HPN474MCE3M 2.000 5.625 CE3 4.9 19.08 330,000 E36D100HPN334MD79M 2.500 3.125 D79 8.7 12.77 560,000 E36D100HPN564MDA5M 2.500 4.125 DA5 6.3 18.77 680,000 E36D100HPN684MDB7M 2.500 4.625 DB7 5.7 19.14 820,000 E36D100HPN824MDE3M 2.500 5.625 DE3 4.9 20.73 680,000 E36D100HPN684ME92M 3.000 3.625 E92 8.9 18.43 820,000 E36D100HPN824MEA5M 3.000 4.125 EA5 7.7 21.39 1,000,000 E36D100HPN105MED0M 3.000 5.125 ED0 6.0 23.50 1,200,000 E36D100HPN125MEE3M 3.000 5.625 EE3 5.7 26.84 1,800,000 E36D100HPN185MEN0M 3.000 8.625 EN0 4.0 37.69 22,000 E36D160HPN223MA41M 1.375 1.625 A41 44.2 3.16 39,000 E36D160HPN393MA54M 1.375 2.125 A54 26.1 4.50 56,000 E36D160HPN563MA67M 1.375 2.625 A67 19.0 5.63 68,000 E36D160HPN683MA79M 1.375 3.125 A79 15.8 6.68 82,000 E36D160HPN823MA92M 1.375 3.625 A92 13.5 7.86 100,000 E36D160HPN104MAA5M 1.375 4.125 AA5 11.6 9.23 120,000 E36D160HPN124MAB7M 1.375 4.625 AB7 10.2 10.33 150,000 E36D160HPN154MAE3M 1.375 5.625 AE3 8.7 12.69 56,000 E36D160HPN563MC48M 2.000 1.875 C48 21.7 5.51 68,000 E36D160HPN683MC54M 2.000 2.125 C54 17.2 6.37 †For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. Standard Voltage Ratings - Screw Terminals Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L (inches) Maximum ESR (m Ω) at 25 C, 120Hz Rated Ripple Current (A rms) at 85 C, 120Hz |
Similar Part No. - E36D501HPN272MEB7M |
|
Similar Description - E36D501HPN272MEB7M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |