Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PSH71U Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4PSH71U
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PSH71U Datasheet(HTML) 1 Page - International Rectifier

  IRG4PSH71U Datasheet HTML 1Page - International Rectifier IRG4PSH71U Datasheet HTML 2Page - International Rectifier IRG4PSH71U Datasheet HTML 3Page - International Rectifier IRG4PSH71U Datasheet HTML 4Page - International Rectifier IRG4PSH71U Datasheet HTML 5Page - International Rectifier IRG4PSH71U Datasheet HTML 6Page - International Rectifier IRG4PSH71U Datasheet HTML 7Page - International Rectifier IRG4PSH71U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRG4PSH71U
UltraFast Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
PD - 91685
E
C
G
n-channel
Features
• UltraFast switching speed optimized for operating
frequencies 8 to 40kHz in hard switching, 200kHz
in resonant mode soft switching
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency
(minimum switching and conduction losses) than
prior generations
• Industry-benchmark Super-247 package with
higher power handling capability compared to
same footprint TO-247
• Creepage distance increased to 5.35mm
• Generation 4 IGBT's offer highest efficiencies
available
• Maximum power density, twice the power
handling of the TO-247, less space than TO-264
• IGBTs optimized for specific application conditions
• Cost and space saving in designs that require
multiple, paralleled IGBTs
Benefits
VCES = 1200V
VCE(on) typ. = 2.50V
@VGE = 15V, IC = 50A
5/24/04
www.irf.com
1
SUPER - 247
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
1200
V
IC @ TC = 25°C
Continuous Collector Current
99
A
IC @ TC = 100°C Continuous Collector Current
50
ICM
Pulse Collector Current
Ù
200
ILM
Clamped Inductive Load current
d
200
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
g
150
mJ
PD @ TC = 25°C
Maximum Power Dissipation
350
W
PD @ TC = 100°C Maximum Power Dissipation
140
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Storage Temperature Range, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Thermal / Mechanical Characteristics
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case- IGBT
–––
–––
0.36
°C/W
RθCS
Case-to-Sink, flat, greased surface
–––
0.24
–––
RθJA
Junction-to-Ambient, typical socket mount
–––
–––
38
Recommended Clip Force
20 (2.0)
N (kgf)
Wt
Weight
–––
6 (0.21)
–––
g (oz.)


Similar Part No. - IRG4PSH71U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PSH71UD IRF-IRG4PSH71UD Datasheet
326Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
239Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF Datasheet
245Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PSH71UDPBF IRF-IRG4PSH71UDPBF_15 Datasheet
245Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PSH71U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com