Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V255LA15PFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V255LA15PFI
Description  3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V255LA15PFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V255LA15PFI Datasheet HTML 1Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 2Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V255LA15PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
IDT72V255LA/72V265LA 3.3 VOLT CMOS SuperSync FIFO™
8,192 x 18, 16,384 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT
(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Rating
Commercial
Unit
VTERM
Terminal Voltage
–0.5 to +5
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
NOTES:
1. With output deselected, (
OE
≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0°C to +70°C; Industrial: VCC = 3.3V
± 0.3V, TA = -40°C to +85°C)
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72V255LA
IDT72V265LA
Com’l & Ind’l(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent
–1
1
µ A
ILO
(3)
OutputLeakageCurrent
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
55
mA
ICC2(4,7)
Standby Current
20
mA
NOTES:
1. Industrial temperature range product for 15ns speed grade is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 10 + 1.1*fS + 0.02*CL*fS (in mA) with VCC = 3.3V, TA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data
switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC –0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING
CONDITIONS
CAPACITANCE
(TA = +25°C, f = 1.0MHz)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage (Com’l/Ind’l)
3.0
3.3
3.6
V
GND
Supply Voltage (Com’l/Ind’l)
0
0
0
V
VIH
Input High Voltage (Com’l/Ind’l)
2.0
5.0
V
VIL(1)
Input Low Voltage (Com’l/Ind’l)
0.8
V
TA
Operating Temperature
0
70
°C
Commercial
TA
Operating Temperature
0
85
°C
Industrial


Similar Part No. - IDT72V255LA15PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V255LA IDT-IDT72V255LA Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V255LA15PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
IDT72255LA RENESAS-IDT72255LA Datasheet
404Kb / 28P
   CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72255 IDT-IDT72255 Datasheet
394Kb / 30P
   CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
logo
Renesas Technology Corp
72V295 RENESAS-72V295 Datasheet
391Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 131,072 x 18 262,144 x 18
MARCH 2018
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72264 IDT-IDT72264 Datasheet
392Kb / 31P
   VARIABLE WIDTH SUPERSYNCO FIFO 8,192 x 18 or 16,384 x 9 16,384 x 18 or 32,768 x 9
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com