Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1150 Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1150
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1150 Datasheet(HTML) 2 Page - International Rectifier

  IRU1150 Datasheet HTML 1Page - International Rectifier IRU1150 Datasheet HTML 2Page - International Rectifier IRU1150 Datasheet HTML 3Page - International Rectifier IRU1150 Datasheet HTML 4Page - International Rectifier IRU1150 Datasheet HTML 5Page - International Rectifier IRU1150 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Rev. 1.6
03/18/02
IRU1150
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Control Input Voltage (VCTRL) .....................................
14V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
5-PIN PLASTIC TO-263 (M)
5-PIN PLASTIC ULTRA THIN-PAKTM (P)
8-PIN PLASTIC SOIC (S)
θJA=35°C/W for 0.5" square pad
θJA=35°C/W for 0.5" square pad
θJA=55°C/W for 1" Sq pad area
Reference Voltage
VREF
VCTRL=2.7 to 12V, VIN=2.05V to 5.5V,
Io=10mA to 4A, VADJ=0V
1.225
1.250
1.275
V
Line Regulation
VCTRL=2.5V to 7V, VIN=1.75V to 5.5V,
Io=10mA ,VADJ=0V
-5
-0.2
+5
mV
Load Regulation (Note 1)
VCTRL=2.75V, VIN=2.1V,
Io=10mA to 4A, VADJ=0V
-5
3
+5
mV
Dropout Voltage (Note 2)
VADJ=0V for all conditions below:
(VCTRL - VOUT)
VIN=2.05V, Io=1.5A
1.00
1.15
V
VIN=2.05V, Io=3A
1.05
1.15
VIN=2.05V, Io=4A
1.13
1.20
Dropout Voltage (Note 2)
VADJ=0V for all conditions below:
(VIN - VOUT)
VCTRL=2.75V, Io=1.5A
0.26
0.38
V
VCTRL=2.75V, Io=3A
0.50
0.60
VCTRL=2.75V, Io=4A
0.70
1.15
Current Limit
VCTRL=2.75V, VIN=2.05V,
DVo=100mV, VADJ=0V
4.2
4.65
6
A
Minimum Load Current (Note 3)
VCTRL=5V, VIN=3.3V, VADJ=0V
1
10
mA
Thermal Regulation
30ms Pulse
0.01
%/W
Ripple Rejection
VCTRL=5V, VIN=5V, Io=4A, VADJ=0V
70
dB
TJ=25
8C, VRIPPLE=1VPP at 120Hz
Control Pin Current
VADJ=0V for all below conditions:
VCTRL=2.75V, VIN=2.05V, Io=1.5A
16
25
mA
VCTRL=2.75V, VIN=2.05V, Io=3A
36
50
VCTRL=2.75V, VIN=2.05V, Io=4A
67
85
Adjust Pin Current
IADJ
VCTRL=2.75V, VIN=2.05V, VADJ=0V
50
mA
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over CIN=1
mF, COUT=10mF, and TJ=0 to 1258C.
Typical values refer to TJ=25
8C. VOUT=VSENSE.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VSENSE
Adj
VIN
VCTRL
VOUT
4
3
2
1
5
6
7
8
TOP VIEW
VOUT
VOUT
VOUT
VSENSE
Adj
VOUT
VCTRL
VIN
FRONT VIEW
1
2
3
4
5
Tab is
VOUT
VSENSE
Adj
VOUT
VCTRL
VIN
FRONT VIEW
1
2
3
4
5
Tab is
VOUT


Similar Part No. - IRU1150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1150

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1150 UNISEM-US1150 Datasheet
34Kb / 5P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com