Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S511632M-TL1H Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4S511632M-TL1H
Description  512Mbit SDRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S511632M-TL1H Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4S511632M-TL1H Datasheet HTML 3Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 4Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 5Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 6Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 7Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 8Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 9Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 10Page - Samsung semiconductor K4S511632M-TL1H Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
K4S511632M
CMOS SDRAM
Rev. 0.3 May. 2002
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don't care, H=Logic high, L=Logic low)
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA0,1
A10/AP
A11, A12,
A9 ~ A0
Note
Register
Mode register set
H
X
L
L
L
L
X
OP code
1,2
Refresh
Auto refresh
H
H
L
L
L
H
X
X
3
Self
refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank active & row addr.
H
X
L
L
H
H
X
V
Row address
Read &
column address
Auto precharge disable
H
X
L
H
L
H
X
V
L
Column
address
(A0~A9)
4
Auto precharge enable
H
4,5
Write &
column address
Auto precharge disable
H
X
L
H
L
L
X
V
L
Column
address
(A0~A9)
4
Auto precharge enable
H
4,5
Burst stop
H
X
L
H
H
L
X
X
6
Precharge
Bank selection
H
X
L
L
H
L
X
V
L
X
All banks
X
H
Clock suspend or
active power down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge power down mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
V
X
7
No operation command
H
X
H
X
X
X
X
X
L
H
H
H
1. OP Code : Operand code
A0 ~ A12 & BA0 ~ BA1 : Program keys. (@ MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If both BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank B is selected.
If both BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)
Notes :
X


Similar Part No. - K4S511632M-TL1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632B-CL75 SAMSUNG-K4S511632B-CL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-TC75 SAMSUNG-K4S511632B-TC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-TCL75 SAMSUNG-K4S511632B-TCL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-UC75 SAMSUNG-K4S511632B-UC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
More results

Similar Description - K4S511632M-TL1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S510732B SAMSUNG-K4S510732B Datasheet
104Kb / 11P
   Stacked 512Mbit SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
   512Mbit GDDR3 SDRAM
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Samsung semiconductor
K4S510432M SAMSUNG-K4S510432M Datasheet
120Kb / 11P
   512Mbit SDRAM 32M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Infineon Technologies A...
HYB25L512160AC INFINEON-HYB25L512160AC Datasheet
1Mb / 50P
   512MBit Mobile-RAM
Rev. 1.3, April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com