Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C335C322CCG5HA7303 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C335C322CCG5HA7303
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C335C322CCG5HA7303 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C335C322CCG5HA7303 Datasheet HTML 4Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 5Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 6Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 7Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 8Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 9Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 10Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 11Page - Kemet Corporation C335C322CCG5HA7303 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015
8
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1B – C32X Style/Size, Capacitance Range Waterfall cont'd
Table 1C – C32X Style/Size, Capacitance Range Waterfall
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.7670981.
C321, C324, C325, C327 Style/Size (0.100", 0.200" & 0.250" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
10pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
100
100
100
100
100
11pF
110
110
110
110
110
12pF
120
120
120
120
120
13pF
130
130
130
130
130
15pF
150
150
150
150
150
16pF
160
160
160
160
160
18pF
180
180
180
180
180
20pF
200
200
200
200
200
22pF
220
220
220
220
220
24pF
240
240
240
240
240
27pF
270
270
270
270
270
30pF
300
300
300
300
300
33pF
330
330
330
330
330
36pF
360
360
360
360
360
39pF
390
390
390
390
390
43pF
430
430
430
430
430
47pF
470
470
470
470
470
51pF
510
510
510
510
510
56pF
560
560
560
560
560
62pF
620
620
620
620
620
68pF
680
680
680
680
680
75pF
750
750
750
750
750
82pF
820
820
820
820
820
91pF
910
910
910
910
910
100pF
101
101
101
101
101
110pF
111
111
111
111
111
120pF
121
121
121
121
121
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G
C320, C322, C323, C326, C328 Style/Size (0.100" and 0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
2400pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
242
242
242
2700pF
272
272
272
3000pF
302
302
3300pF
332
332
3600pF
362
362
3900pF
392
392
4300pF
432
432
4700pF
472
472
5100pF
512
512
5600pF
562
562
6200pF
622
622
6800pF
682
682
7500pF
752
8200pF
822
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G


Similar Part No. - C335C322CCG5HA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C335C106J1R5HA7301 KEMET-C335C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C106J1R5TA7301 KEMET-C335C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C106J2R5HA7301 KEMET-C335C106J2R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C106J2R5TA7301 KEMET-C335C106J2R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C106J3R5HA7301 KEMET-C335C106J3R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C335C322CCG5HA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com