Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C340C322CCG5HA7303 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C340C322CCG5HA7303
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C340C322CCG5HA7303 Datasheet(HTML) 3 Page - Kemet Corporation

  C340C322CCG5HA7303 Datasheet HTML 1Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 2Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 3Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 4Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 5Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 6Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 7Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 8Page - Kemet Corporation C340C322CCG5HA7303 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015
3
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Benefits
• Radial leaded form factor
• Conformally coated
• 0.100", 0.200", 0.250" and 0.400" lead spacing
• Operating temperature range of -55°C to +125°C
• Lead (Pb)-Free, RoHS and REACH compliant
• DC voltage ratings of 500 V, 630 V, 1 KV, 1.5 KV, 2 KV, 2.5 KV
and 3 KV
• Capacitance offerings ranging from 1.0 pF up to 0.039 μF
• Available capacitance tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF,
±1%, ±2%, ±5% and ±10%
• High temperature solder lead attach
• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from
-55°C to +125°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated lead finish allowing for excellent
solderability
• SnPb-plated lead finish option available upon request
(Sn60/Pb40)
• Encapsulation meets flamability standard UL 94V-0
Applications
Typical applications include switch mode power supplies (input filters, resonators, tank circuits, snubbed circuits, output filters), high
voltage coupling and DC blocking, lighting ballasts, voltage multiplier circuits, DC/DC converters and coupling capacitors in Ćuk
converters. Markets include power supply, LCD fluorescent backlight ballasts, HID lighting, telecom equipment, industrial and medical
equipment/control, LAN/WAN interface, analog and digital modems, and automotive.
Application Notes
These devices are not recommended for use in overmold applications and/or processes.
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in
Table 2, Performance & Reliability.


Similar Part No. - C340C322CCG5HA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C105K1R5TA KEMET-C340C105K1R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 1 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C340C105K5R5TA KEMET-C340C105K5R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 1 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C340C106J1R5HA7301 KEMET-C340C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C340C106J1R5TA7301 KEMET-C340C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C340C322CCG5HA7303

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com