Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA04-11SYKWA Datasheet(PDF) 6 Page - Kingbright Corporation

Part # DA04-11SYKWA
Description  10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DA04-11SYKWA Datasheet(HTML) 6 Page - Kingbright Corporation

  DA04-11SYKWA Datasheet HTML 1Page - Kingbright Corporation DA04-11SYKWA Datasheet HTML 2Page - Kingbright Corporation DA04-11SYKWA Datasheet HTML 3Page - Kingbright Corporation DA04-11SYKWA Datasheet HTML 4Page - Kingbright Corporation DA04-11SYKWA Datasheet HTML 5Page - Kingbright Corporation DA04-11SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPEC NO: DSAM8339
REV NO: V.2A
DATE: MAR/31/2015
PAGE: 6 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: L.Q.Xie
ERP: 1302001072


Similar Part No. - DA04-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA04-11SRWA KINGBRIGHT-DA04-11SRWA Datasheet
595Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAYS
DA04-11SRWA KINGBRIGHT-DA04-11SRWA Datasheet
153Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SURKWA KINGBRIGHT-DA04-11SURKWA Datasheet
356Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DA04-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC04-11SRWA KINGBRIGHT-DC04-11SRWA Datasheet
152Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SYKWA KINGBRIGHT-DC04-11SYKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11CGKWA KINGBRIGHT-DA04-11CGKWA Datasheet
355Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11PBWA-A KINGBRIGHT-DC04-11PBWA-A Datasheet
159Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11YWA KINGBRIGHT-DC04-11YWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SURKWA KINGBRIGHT-DA04-11SURKWA Datasheet
356Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11CGKWA KINGBRIGHT-DC04-11CGKWA Datasheet
367Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11GWA KINGBRIGHT-DA04-11GWA Datasheet
154Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11SRWA KINGBRIGHT-DA04-11SRWA Datasheet
153Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DA04-11EWA KINGBRIGHT-DA04-11EWA Datasheet
155Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com