Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S511632B-TCL75 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S511632B-TCL75
Description  512Mb B-die SDRAM Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S511632B-TCL75 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S511632B-TCL75 Datasheet HTML 1Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 2Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 3Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 4Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 5Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 6Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 7Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 8Page - Samsung semiconductor K4S511632B-TCL75 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CMOS SDRAM
SDRAM 512Mb B-die (x4, x8, x16)
Rev. 1.1 February 2004
0.002
0.05
MIN
0.008
0.21
± 0.002
± 0.05
0.005 -0.001
+0.003
0.125 -0.035
+0.075
0.010
0.25
TYP
0~8
°C
#54
#28
#1
#27
0.004
0.10
MAX
0.028
0.71
(
)
0.012
0.30
0.0315
0.80
0.047
1.20
MAX
0.039
1.00
± 0.004
± 0.10
0.891
22.62
MAX
0.875
22.22
± 0.004
± 0.10
+0.10
-0.05
+0.004
-0.002
54Pin TSOP(II) Package Dimension
Package Physical Dimension


Similar Part No. - K4S511632B-TCL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632B-CL75 SAMSUNG-K4S511632B-CL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-UC75 SAMSUNG-K4S511632B-UC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
More results

Similar Description - K4S511632B-TCL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4T51043Q SAMSUNG-K4T51043Q Datasheet
591Kb / 28P
   512Mb B-die DDR2 SDRAM
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4T51043QG SAMSUNG-K4T51043QG Datasheet
1Mb / 47P
   512Mb G-die DDR2 SDRAM Specification
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4T51043QE SAMSUNG-K4T51043QE Datasheet
943Kb / 45P
   512Mb E-die DDR2 SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com