Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E37F451CPN822MEJ1M Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # E37F451CPN822MEJ1M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37F451CPN822MEJ1M Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  E37F451CPN822MEJ1M Datasheet HTML 1Page - United Chemi-Con, Inc. E37F451CPN822MEJ1M Datasheet HTML 2Page - United Chemi-Con, Inc. E37F451CPN822MEJ1M Datasheet HTML 3Page - United Chemi-Con, Inc. E37F451CPN822MEJ1M Datasheet HTML 4Page - United Chemi-Con, Inc. E37F451CPN822MEJ1M Datasheet HTML 5Page - United Chemi-Con, Inc. E37F451CPN822MEJ1M Datasheet HTML 6Page - United Chemi-Con, Inc. E37F451CPN822MEJ1M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/7
U37F Series
Engineering Bulletin Mar 2013
Large Can / Screw Terminals
Useful Life: 6,500 Hours at
85 C
The life expectancy of a capacitor is shown
as a function of ambient temperature and
ripple current load.
Diagram of Dimensions - Screw Terminals
L
F
J
Black
Insulating
Sleeve
(see note)
Vent
S
T
Insulating
End Disk
H
D
Unit: mm (inches)
Case
Size
Code
Standard
Box
Quantity
CB7
CD0
D92
DA5
DB7
DD0
DE3
E92
EA5
EB7
EE3
EJ1
EM9
F92
FA5
FB7
FE3
FF5
FK0
FM9
50.8 (2.000)
63.5 (2.500)
76.2 (3.000)
89.0 (3.500)
117 (4.625)
130 (5.125)
92 (3.625)
105 (4.125)
117 (4.625)
130 (5.125)
143 (5.625)
0092 (3.625)
105 (4.125)
117 (4.625)
143 (5.625)
181 (7.125)
219 (8.625)
92 (3.625)
105 (4.125)
117 (4.625)
143 (5.625)
155 (6.125)
190 (7.500)
219 (8.625)
Ø
D
2.0 (0.080)
L
1.0 (0.040)
22.2 (0.875)
28.6 (1.125)
31.8 (1.250)
31.8 (1.250)
49
20
16
09
05
F
0.25 (0.010)
Case Dimensions and Standard Box Quantities
Terminal
Code
HP
HL
CD
CP
CH
CA
CS
C
C
D–E
D–F
D–F
D–F
D–F
9.5 (0.375)
09.5 (0.375)
08.5 (0.335)
08.7 (0.344)
11.9 (0.468)
08.7 (0.344)
11.9 (0.468)
6.4 (0.250)
6.4 (0.250)
5.0 (0.200)
2.4 (0.093)
6.4 (0.250)
2.4 (0.093)
6.4 (0.250)
08.0 (0.313)
8.0 (0.313)
13.0 (0.512)
17.5 (0.689)
17.5 (0.689)
17.5 (0.689)
17.5 (0.689)
11.1 (0.438)
11.1 (0.438)
18.8 (0.740)
50.8 (2.000)
50.8 (2.000)
63.5 – 76.2 (2.500 – 3.000)
63.5 – 89.0 (2.500 – 3.500)
63.5 – 89.0 (2.500 – 3.500)
63.5 – 89.0 (2.500 – 3.500)
63.5 – 89.0 (2.500 – 3.500)
L
J
L
J
L
J
L
J
L
J
L
J
L
J
J
0.5 (0.020)
Ø
S
0.25 (0.010)
Ø
T
0.25 (0.010)
Available Case Diameter
H
2.0 (0.080)
Terminal Specifications
Thread
Size
Minimum
Thread
Depth
10 - 32 NF- 2B
M5x0.8 - 6H
M5x0.8 - 6H
1/4 - 28 NF- 2B
1/4 - 28 NF- 2B
M6x1- 6H
M6x1- 6H
Ø
D
Code
Ø
D
mm (inches)
Note:
In some cases, the color of the sleeve may change slightly due to the operating
conditions, however, the discoloration will not impair capacitor function.
Mounting Hardware is optional. Refer to hardware specifications on the following page.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
40
45
50
55
60
65
70
75
80
85
Ambient temperature (°C)
6,500
hrs
U37F Useful Life


Similar Part No. - E37F451CPN822MEJ1M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37F451HPN CHEMI-CON-E37F451HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37F451CPN822MEJ1M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com