Electronic Components Datasheet Search |
|
E37L351CPN472MDD0M Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
E37L351CPN472MDD0M Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 7 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 1/ 7 U37L Series The U37L series is a longer life version of the U37 grade series and is specifically designed to provide the ripple current capability and long life required for high reliability inverter applications. The U37L has an endurance rating of 10,000 hours at 85 C with the rated ripple current applied. The useful life can exceed 175,000 hours at 40 C and 2x the ripple current. These capacitors are available in a variety of high current English or Metric thread terminals. Mounting options include a three-footed clamp or bottom threaded stud. Custom designs are also available. Large Can Screw Terminals General Purpose U37 Grade High Ripple 350 to 500VDC Ratings RoHS Compliant 10,000 Hours Lifetime at 85 C Up to 175,000 Hours Useful Life Screw terminals: high and low post, English and Metric thread. Capacitance range: 1,500 to 18,000µF. Voltage range: 350 to 500VDC. Category temperature range: 40 Cto 85 C. Leakage current: 0.02CV(µA) or 5mA, whichever is smaller, after 5 minutes at 25 C. Standard capacitance tolerance: 20% Nominal case size (D L): D = 50mm (2.000”) to 89mm (3.500”); L = 92mm (3.625”) to 219mm (8.625”). Rated lifetime: 10,000 hours at 85 C with rated ripple current applied. Summary of Specifications U37L SERIES Engineering Bulletin Mar 2013 |
Similar Part No. - E37L351CPN472MDD0M |
|
Similar Description - E37L351CPN472MDD0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |