Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E37L451CPN562MEE3M Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # E37L451CPN562MEE3M
Description  Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E37L451CPN562MEE3M Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

  E37L451CPN562MEE3M Datasheet HTML 1Page - United Chemi-Con, Inc. E37L451CPN562MEE3M Datasheet HTML 2Page - United Chemi-Con, Inc. E37L451CPN562MEE3M Datasheet HTML 3Page - United Chemi-Con, Inc. E37L451CPN562MEE3M Datasheet HTML 4Page - United Chemi-Con, Inc. E37L451CPN562MEE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E37L451CPN562MEE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E37L451CPN562MEE3M Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
420 Volts
470 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7
U37L Series
Engineering Bulletin Mar 2013
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
6,800
E37L421CPN682MFB7M
89
117
FB7
15
19.8
23.8
27.8
10,000
E37L421CPN103MFE3M
89
143
FE3
10
25.7
30.9
36.0
10,000
E37L421CPN103MFF5M
89
155
FF5
10
26.5
31.8
37.1
12,000
E37L421CPN123MFK0M
89
190
FK0
9
31.3
37.6
43.9
15,000
E37L421CPN153MFM9M
89
219
FM9
7
37.0
44.5
51.9
450 Volts
500 Volts Surge
2,200
E37L451HPN222MCB7M
50
117
CB7
43
8.6
10.3
12.1
2,200
E37L451HPN222MCD0M
50
130
CD0
43
8.9
10.7
12.5
2,200
E37L451CPN222MD92M
63.5
92
D92
45
8.7
10.5
12.2
2,200
E37L451CPN222MDA5M
63.5
105
DA5
45
9.1
11.0
12.8
2,700
E37L451CPN272MDB7M
63.5
117
DB7
37
10.5
12.6
14.7
3,300
E37L451CPN332MDD0M
63.5
130
DD0
30
12.1
14.5
16.9
3,900
E37L451CPN392MDE3M
63.5
143
DE3
26
13.6
16.3
19.0
3,300
E37L451CPN332ME92M
76.2
92
E92
31
11.6
14.0
16.3
3,900
E37L451CPN392MEA5M
76.2
105
EA5
27
13.2
15.8
18.5
4,700
E37L451CPN472MEB7M
76.2
117
EB7
22
15.1
18.1
21.1
5,600
E37L451CPN562MEE3M
76.2
143
EE3
18
17.6
21.2
24.7
6,800
E37L451CPN682MEJ1M
76.2
181
EJ1
15
21.2
25.5
29.7
10,000
E37L451CPN103MEM9M
76.2
219
EM9
10
27.8
33.3
38.9
4,700
E37L451CPN472MF92M
89
92
F92
22
15.2
18.3
21.3
5,600
E37L451CPN562MFA5M
89
105
FA5
18
17.3
20.8
24.2
5,600
E37L451CPN562MFB7M
89
117
FB7
18
18.0
21.6
25.2
8,200
E37L451CPN822MFE3M
89
143
FE3
13
23.3
28.0
32.6
8,200
E37L451CPN822MFF5M
89
155
FF5
13
24.0
28.8
33.6
12,000
E37L451CPN123MFK0M
89
190
FK0
9
31.3
37.6
43.9
12,000
E37L451CPN123MFM9M
89
219
FM9
9
33.1
39.8
46.4
500 Volts
550 Volts Surge
1,500
E37L501HPN152MCB7M
50
117
CB7
64
7.1
8.5
10.0
1,500
E37L501HPN152MCD0M
50
130
CD0
64
7.4
8.9
10.3
1,800
E37L501CPN182MD92M
63.5
92
D92
55
7.9
9.5
11.1
2,200
E37L501CPN222MDA5M
63.5
105
DA5
45
9.1
11.0
12.8
2,200
E37L501CPN222MDB7M
63.5
117
DB7
45
9.5
11.4
13.3
2,700
E37L501CPN272MDD0M
63.5
130
DD0
37
10.9
13.1
15.3
2,700
E37L501CPN272MDE3M
63.5
143
DE3
37
11.3
13.6
15.8
2,700
E37L501CPN272ME92M
76.2
92
E92
38
10.5
12.6
14.7
3,300
E37L501CPN332MEA5M
76.2
105
EA5
31
12.1
14.6
17.0
3,300
E37L501CPN332MEB7M
76.2
117
EB7
31
12.6
15.2
17.7
4,700
E37L501CPN472MEE3M
76.2
143
EE3
22
16.2
19.4
22.6
5,600
E37L501CPN562MEJ1M
76.2
181
EJ1
18
19.3
23.1
27.0
8,200
E37L501CPN822MEM9M
76.2
219
EM9
13
25.2
30.2
35.2
3,900
E37L501CPN392MF92M
89
92
F92
27
13.9
16.6
19.4
3,900
E37L501CPN392MFA5M
89
105
FA5
27
14.5
17.3
20.2
4,700
E37L501CPN472MFB7M
89
117
FB7
22
16.5
19.8
23.1
6,800
E37L501CPN682MFE3M
89
143
FE3
15
21.2
25.5
29.7
6,800
E37L501CPN682MFF5M
89
155
FF5
15
21.9
26.2
30.6
8,200
E37L501CPN822MFK0M
89
190
FK0
12
26.7
32.0
37.4
10,000
E37L501CPN103MFM9M
89
219
FM9
9
33.1
39.8
46.4
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.


Similar Part No. - E37L451CPN562MEE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E37L451HPN CHEMI-CON-E37L451HPN Datasheet
204Kb / 7P
   Large Can
More results

Similar Description - E37L451CPN562MEE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
E37X401CPN CHEMI-CON-E37X401CPN Datasheet
204Kb / 7P
   Large Can
E37X451CPN CHEMI-CON-E37X451CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com