Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGD_C Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NGD_C
Description  Multilayer Chip Diplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGD_C Datasheet(HTML) 3 Page - NIC-Components Corp.

  NGD_C Datasheet HTML 1Page - NIC-Components Corp. NGD_C Datasheet HTML 2Page - NIC-Components Corp. NGD_C Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
®
Specifications are subject to change
Specifications are subject to change
NGD_C Series
Multilayer Chip Diplexers
NGD_C Series
Multilayer Chip Diplexers
NGD1210C Size
Part Number
Standard Values - Case Size 1210 (3.2 x 2.5 x 1.8mm)
Frequency
Range
Impedance
(Ω)
Frequency
(MHz)
Max. IL in BW
@ 25°C (dB)
Ripple in
BW @
25°C (dB)
Max. VSWR
in BW @
25°C (dB)
Min.
Attenuation
@ 25°C (dB)
NGD1210C2R200G1TRF
Low
50
900 ~ 1450
2.2
1.6
2.0
-
1425 ~ 1450
-
0.3
-
-
1450 ~ 1475
-
1.0
-
-
1650 ~ 2200
-
-
-
27
1800
-
-
-
30
High
900 ~ 1450
-
-
-
27
1300
-
-
-
30
1625 ~ 1650
-
1.0
-
-
1650 ~ 1675
-
0.3
-
-
1650 ~ 2200
2.2
1.6
2.0
-
PIN
(1)
(2)
(3)
(4)
(5)
(6)
NGD1210C2R200G1TRF
Ground
Common
Ground
High
Ground
Low
(4)
(5)
(6)
(3)
(2)
(1)
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
D(mm)
NGD0603C
9.0 ± 1.5
58 ± 2.0
178 ± 2.0
NGD0805C
NGD1210C
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Tape
Ao
Bo
Po
So
Co
Ko
t
W
Qty
NGD0603C
Paper
1.00
1.80
4.0
2.0 ±0.05
3.5 ± 0.1
0.75 max.
-
8.0 ± 0.3
4,000
NGD0805C
Embossed
1.42
2.25
1.14 max.
0.27 max.
4,000
NGD1210C
2.75
3.45
1.80 max.
2,000
W
Co
Ao
Bo
1.5mm ± 0.1
4.0mm ±0.1
1.75mm ±0.1
B
D
A
Po
So
Ko
t
(Embossed)
(Paper)
Ko
REFLOW SOLDERING PROFILE


Similar Part No. - NGD_C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGD-C NIC-NGD-C Datasheet
332Kb / 5P
   Multilayer Chip Diplexers
More results

Similar Description - NGD_C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21859MDP2A076 MURATA-LFD21859MDP2A076 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
logo
NIC-Components Corp.
NGD-C NIC-NGD-C Datasheet
332Kb / 5P
   Multilayer Chip Diplexers
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
TDK Electronics
DPX202690DT TDK-DPX202690DT Datasheet
56Kb / 2P
   Multilayer Chip Diplexers For UMTS LTE
DPX202170DT-4021A1 TDK-DPX202170DT-4021A1 Datasheet
334Kb / 18P
   Multilayer Diplexers, DPX Series
logo
Taiyo Yuden (U.S.A.), I...
FI168P157525-T TAIYO-YUDEN-FI168P157525-T Datasheet
247Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
FI212P085912-T TAIYO-YUDEN-FI212P085912-T Datasheet
249Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
FI212P089208-T TAIYO-YUDEN-FI212P089208-T Datasheet
249Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
FI212P085909-T TAIYO-YUDEN-FI212P085909-T Datasheet
249Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
TSD1N18B829MLV0CZT TAIYO-YUDEN-TSD1N18B829MLV0CZT Datasheet
306Kb / 2P
   Multilayer Ceramic Devices (Diplexers)
2021.11.26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com