Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC56-51SYKWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # DC56-51SYKWA
Description  14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC56-51SYKWA Datasheet(HTML) 4 Page - Kingbright Corporation

  DC56-51SYKWA Datasheet HTML 1Page - Kingbright Corporation DC56-51SYKWA Datasheet HTML 2Page - Kingbright Corporation DC56-51SYKWA Datasheet HTML 3Page - Kingbright Corporation DC56-51SYKWA Datasheet HTML 4Page - Kingbright Corporation DC56-51SYKWA Datasheet HTML 5Page - Kingbright Corporation DC56-51SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAM8364
REV NO: V.2A
DATE: MAR/19/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1302001065
PACKING & LABEL SPECIFICATIONS
DC56-51SYKWA
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - DC56-51SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC56-51SURKWA KINGBRIGHT-DC56-51SURKWA Datasheet
374Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DC56-51SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC56-11YWA KINGBRIGHT-DC56-11YWA Datasheet
209Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-11CGKWA KINGBRIGHT-DA56-11CGKWA Datasheet
361Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51SYKWA KINGBRIGHT-DA56-51SYKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51EWA KINGBRIGHT-DA56-51EWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-11GWA KINGBRIGHT-DA56-11GWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51YWA KINGBRIGHT-DA56-51YWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51PBWA-A KINGBRIGHT-DC56-51PBWA-A Datasheet
166Kb / 4P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-11SURKWA KINGBRIGHT-DC56-11SURKWA Datasheet
356Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-51CGKWA KINGBRIGHT-DC56-51CGKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DA56-51SURKWA KINGBRIGHT-DA56-51SURKWA Datasheet
373Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
DC56-11SYKWA KINGBRIGHT-DC56-11SYKWA Datasheet
353Kb / 6P
   14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com