Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI66D221K___F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NLI66D221K___F
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI66D221K___F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NLI66D221K___F Datasheet HTML 1Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 2Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 3Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 4Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 5Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 6Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 7Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 8Page - NIC-Components Corp. NLI66D221K___F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__D Series
NLI Radial Power Inductors
NPI85D STANDARD VALUES (H = 5.5mm x D = 8.3mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Test Freq.
DCR (
Ω) max.
DCI (A) max.
NLI85D100M_ _ _F
10
±20%
2.52MHz
0.07
2.5
NLI85D120M_ _ _F
12
±20%
2.52MHz
0.08
2.4
NLI85D150M_ _ _F
15
±20%
2.52MHz
0.09
2.1
NLI85D180M_ _ _F
18
±20%
2.52MHz
0.10
2.0
NLI85D220K_ _ _F
22
±10%
2.52MHz
0.12
1.7
NLI85D270K_ _ _F
27
±10%
2.52MHz
0.14
1.6
NLI85D330K_ _ _F
33
±10%
2.52MHz
0.17
1.4
NLI85D390K_ _ _F
39
±10%
2.52MHz
0.21
1.3
NLI85D470K_ _ _F
47
±10%
2.52MHz
0.24
1.2
NLI85D560K_ _ _F
56
±10%
2.52MHz
0.31
1.1
NLI85D680K_ _ _F
68
±10%
2.52MHz
0.34
1.0
NLI85D820K_ _ _F
82
±10%
2.52MHz
0.40
0.93
NLI85D101K_ _ _F
100
±10%
1KHz
0.52
0.81
NLI85D121K_ _ _F
120
±10%
1KHz
0.59
0.76
NLI85D151K_ _ _F
150
±10%
1KHz
0.71
0.67
NLI85D181K_ _ _F
180
±10%
1KHz
0.89
0.62
NLI85D221K_ _ _F
220
±10%
1KHz
1.04
0.54
NLI85D271K_ _ _F
270
±10%
1KHz
1.28
0.49
NLI85D331K_ _ _F
330
±10%
1KHz
1.60
0.44
NLI85D391K_ _ _F
390
±10%
1KHz
1.67
0.41
NLI85D471K_ _ _F
470
±10%
1KHz
2.55
0.38
NLI85D561K_ _ _F
560
±10%
1KHz
2.83
0.35
NLI85D681K_ _ _F
680
±10%
1KHz
3.25
0.32
NLI85D821K_ _ _F
820
±10%
1KHz
3.82
0.31
NLI85D102K_ _ _F
1000
±10%
1KHz
5.28
0.25
NLI85D122K_ _ _F
1200
±10%
1KHz
6.03
0.23
NLI85D152K_ _ _F
1500
±10%
1KHz
7.15
0.21
NLI85D182K_ _ _F
1800
±10%
1KHz
8.26
0.20
NLI85D222K_ _ _F
2200
±10%
1KHz
11.1
0.18
NLI85D272K_ _ _F
2700
±10%
1KHz
13.1
0.16
NLI85D332K_ _ _F
3300
±10%
1KHz
15.9
0.14
NLI85D392K_ _ _F
3900
±10%
1KHz
18.0
0.13
NLI85D472K_ _ _F
4700
±10%
1KHz
23.9
0.12
NLI85D562K_ _ _F
5600
±10%
1KHz
26.8
0.11
NLI85D682K_ _ _F
6800
±10%
1KHz
36.0
0.098
NLI85D822K_ _ _F
8200
±10%
1KHz
46.5
0.088
NLI85D103K_ _ _F
10000
±10%
1KHz
55.7
0.081
DC I maximum
Δ+40°C temperature rise, ΔL -10% max.
* Contact NIC for other tolerance options.
CIRCUIT
TWO LEADS


Similar Part No. - NLI66D221K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI66D221KF NIC-NLI66D221KF Datasheet
152Kb / 14P
   NLI Radial Power Inductors
More results

Similar Description - NLI66D221K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com