Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIF125C5R6MUTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIF125C5R6MUTRF
Description  NPIF Flat Wire Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIF125C5R6MUTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIF125C5R6MUTRF Datasheet HTML 1Page - NIC-Components Corp. NPIF125C5R6MUTRF Datasheet HTML 2Page - NIC-Components Corp. NPIF125C5R6MUTRF Datasheet HTML 3Page - NIC-Components Corp. NPIF125C5R6MUTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIF__C Series
NPIF Flat Wire Power Inductors
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
Series
D
H
I
J
K
NPIF104C
6.7
2.0
2.5
8.5
11.0
NPIF105C
6.7
2.0
2.5
8.5
11.0
NPIF125C
8.2
3.0
4.0
10.0
13.5
NPIF134C
9.6
2.6
4.4
10
15.0
RECOMMENDED LAND PATTERN DIMENSIONS
Case Size
TAPING DIMENSIONS (mm)
A
B
P
W
Qty/Reel
NPIF104C 10.4 ± 0.1 10.4 ± 0.1
16.0
24.0
500 pcs
NPIF105C 10.4 ± 0.1 10.4 ± 0.1
16.0
24.0
500 pcs
NPIF125C 13.0 ± 0.1 13.0 ± 0.1
16.0
24.0
500 pcs
NPIF134C 13.9 ± 0.1 13.9 ± 0.1
16.0
24.0
500 pcs
W
A
P
B
1.5mm +0.1/-0.0
4.0mm
±0.1
1.75mm ±0.1
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
16mm
16.5 ± 0.1
23 ± 1.0
13 ± 1.0
330
B
C
D
A
LAND PATTERN
J
H
K
I
D


Similar Part No. - NPIF125C5R6MUTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF125C5R6MUTRF NIC-NPIF125C5R6MUTRF Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
More results

Similar Description - NPIF125C5R6MUTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF-C NIC-NPIF-C Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
   Flat Wire Power Inductor
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
   Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
   Flat Wire Power Inductor
logo
Murata Manufacturing Co...
KMP_3500 MURATA-KMP_3500 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
logo
Murata Manufacturing Co...
KMP_3600 MURATA-KMP_3600 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
   Shielded Flat Wire Power Inductor
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
   Shielded Power Choke Flat Wire
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com