Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI66D102K___F Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NLI66D102K___F
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI66D102K___F Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NLI66D102K___F Datasheet HTML 5Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 6Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 7Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 8Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 9Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 10Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 11Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 12Page - NIC-Components Corp. NLI66D102K___F Datasheet HTML 13Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__D Series
NLI Radial Power Inductors
NPI114 STANDARD VALUES (H = 14.4mm x D = 10.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Test Freq.
DCR (
Ω) max.
DCI (A) max.
NLI114D6R3M_ _ _F
6.3
±20%
2.52MHz
0.026
4.3
NLI114D7R5M_ _ _F
7.5
±20%
2.52MHz
0.029
4.2
NLI114D100M_ _ _F
10
±20%
2.52MHz
0.033
4.0
NLI114D120M_ _ _F
12
±20%
2.52MHz
0.035
3.9
NLI114D150M_ _ _F
15
±20%
2.52MHz
0.039
3.7
NLI114D180M_ _ _F
18
±20%
2.52MHz
0.047
3.5
NLI114D220M_ _ _F
22
±20%
2.52MHz
0.051
3.3
NLI114D270M_ _ _F
27
±20%
2.52MHz
0.057
3.1
NLI114D330K_ _ _F
33
±10%
2.52MHz
0.064
2.9
NLI114D390K_ _ _F
39
±10%
2.52MHz
0.074
2.7
NLI114D470K_ _ _F
47
±10%
2.52MHz
0.083
2.5
NLI114D560K_ _ _F
56
±10%
2.52MHz
0.104
2.3
NLI114D680K_ _ _F
68
±10%
2.52MHz
0.117
2.1
NLI114D820K_ _ _F
82
±10%
2.52MHz
0.13
1.9
NLI114D101K_ _ _F
100
±10%
1KHz
0.143
1.7
NLI114D121K_ _ _F
120
±10%
1KHz
0.195
1.5
NLI114D151K_ _ _F
150
±10%
1KHz
0.221
1.4
NLI114D181K_ _ _F
180
±10%
1KHz
0.26
1.3
NLI114D221K_ _ _F
220
±10%
1KHz
0.35
1.2
NLI114D271K_ _ _F
270
±10%
1KHz
0.39
1.1
NLI114D331K_ _ _F
330
±10%
1KHz
0.52
1.0
NLI114D391K_ _ _F
390
±10%
1KHz
0.57
0.92
NLI114D471K_ _ _F
470
±10%
1KHz
0.65
0.84
NLI114D561K_ _ _F
560
±10%
1KHz
0.79
0.75
NLI114D681K_ _ _F
680
±10%
1KHz
0.96
0.69
NLI114D821K_ _ _F
820
±10%
1KHz
1.22
0.62
NLI114D102K_ _ _F
1000
±10%
1KHz
1.6
0.52
NLI114D122K_ _ _F
1200
±10%
1KHz
2.2
0.46
NLI114D152K_ _ _F
1500
±10%
1KHz
2.5
0.41
NLI114D182K_ _ _F
1800
±10%
1KHz
2.9
0.36
NLI114D222K_ _ _F
2200
±10%
1KHz
3.2
0.32
NLI114D272K_ _ _F
2700
±10%
1KHz
3.7
0.29
NLI114D332K_ _ _F
3300
±10%
1KHz
5.0
0.27
NLI114D392K_ _ _F
3900
±10%
1KHz
5.6
0.25
NLI114D472K_ _ _F
4700
±10%
1KHz
7.4
0.23
NLI114D562K_ _ _F
5600
±10%
1KHz
8.2
0.21
NLI114D682K_ _ _F
6800
±10%
1KHz
11.9
0.19
NLI114D822K_ _ _F
8200
±10%
1KHz
14
0.17
CIRCUIT
TWO LEADS
DC I maximum
Δ+40°C temperature rise, ΔL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI66D102K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI66D102KF NIC-NLI66D102KF Datasheet
152Kb / 14P
   NLI Radial Power Inductors
More results

Similar Description - NLI66D102K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com