Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM105A1R5MTRQYF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIM105A1R5MTRQYF
Description  NPIM Shielded Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM105A1R5MTRQYF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIM105A1R5MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 8Page - NIC-Components Corp. NPIM105A1R5MTRQYF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__A Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 75A (7.5 x 7.0 x 5.4mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current Irms (Amps)1
DC Current
Isat (Amps)2
Test
Frequency
Condition A Condition B
NPIM75A4R7MTRQYF
4.7
23
6.3
8.0
13.1
100KHz,
1Vrms
NPIM75A220MTRQYF
22
102
3.0
3.7
5.8
NPIM75A330MTRQYF
33
132
2.6
3.3
4.8
NPIM75A470MTRQYF
48
172
2.3
2.9
4.1
NPIM75A4R7MTRQYF
IDC (Amps)
NPIM75A220MTRQYF
IDC (Amps)
NPIM75A330MTRQYF
IDC (Amps)
NPIM75A470MTRQYF
IDC (Amps)
Note 1 - DC Current (Irms) is current which causes a maximum temperature rise of 40°C:
Condition A = 4-layer PWB (1.6t, FR4)
Condition B = PWB with high dissipation performance, heat radiation constant is approximately 31K/W measured for 7.5mm x 7.0mm x 5.4mm
case size.
Note 2 - DC Current (Isat) is current which causes a decrease in inductance of 30%.
Note 3 - Highest operating temperature should be within +150°C including temperature rise due to self-heating.
Inductance vs. DC Current
Inductance vs. DC Current
Inductance vs. DC Current
Inductance vs. DC Current


Similar Part No. - NPIM105A1R5MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM105A100MTRQYF NIC-NPIM105A100MTRQYF Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM105A1R5MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com