Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS96176 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96176
Description  RS-485/RS-422 Differential Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96176 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96176 Datasheet HTML 1Page - National Semiconductor (TI) DS96176 Datasheet HTML 2Page - National Semiconductor (TI) DS96176 Datasheet HTML 3Page - National Semiconductor (TI) DS96176 Datasheet HTML 4Page - National Semiconductor (TI) DS96176 Datasheet HTML 5Page - National Semiconductor (TI) DS96176 Datasheet HTML 6Page - National Semiconductor (TI) DS96176 Datasheet HTML 7Page - National Semiconductor (TI) DS96176 Datasheet HTML 8Page - National Semiconductor (TI) DS96176 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS96176
RS-485/RS-422 Differential Bus Transceiver
General Description
The DS96176 Differential Bus Transceiver is a monolithic in-
tegrated circuit designed for bidirectional data communica-
tion on balanced multipoint bus transmission lines. The
transceiver meets EIA Standard RS-485 as well as
RS-422A.
The DS96176 combines a TRI-STATE® differential line driver
and a differential input line receiver, both of which operate
from a single 5.0V power supply. The driver and receiver
have an active Enable that can be externally connected to
function as a direction control. The driver differential outputs
and the receiver differential inputs are internally connected
to form differential input/output (I/O) bus ports that are de-
signed to offer minimum loading to the bus whenever the
driver is disabled or when V
CC = 0V. These ports feature
wide positive and negative common mode voltage ranges,
making the device suitable for multipoint applications in
noisy environments.
The driver is designed to handle loads up to 60 mA of sink or
source current. The driver features positive and negative
current-limiting and thermal shutdown for protection from line
fault conditions. Thermal shutdown is designed to occur at
junction temperature of approximately 160˚C. The receiver
features a typical input impedance of 15 k
Ω, an input sensi-
tivity of ±200 mV, and a typical input hysteresis of 50 mV.
The DS96176 can be used in transmission line applications
employing the DS96172 and the DS96174 quad differential
line drivers and the DS96173 and DS96175 quad differential
line receivers.
Features
n Bidirectional transceiver
n Meets EIA Standard RS-422A and RS-485
n Designed for multipoint transmission
n TRI-STATE driver and receiver enables
n Individual driver and receiver enables
n Wide positive and negative input/output bus voltage
ranges
n Driver output capability ±60 mA Maximum
n Thermal shutdown protection
n Driver positive and Negative current-limiting
n High impedance receiver input
n Receiver input sensitivity of ±200 mV
n Receiver input hysteresis of 50 mV typical
n Operates from single 5.0V supply
n Low power requirements
Connection Diagram
Function Table
Driver
Input
Enable
Outputs
DI
DE
A
B
HH
H
L
LH
L
H
XL
Z
Z
Receiver
Differential Inputs
Enable
Output
A-B
RE
R
V
ID ≥ 0.2V
L
H
V
ID ≤ −0.2V
L
L
XH
Z
H = High Level
L = Low Level
X = Immaterial
Z = High Impedance (off)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
8–Lead DIP
DS009630-1
Top View
Order Number DS96176CN
See NS Package Number N08E
May 1998
© 1998 National Semiconductor Corporation
DS009630
www.national.com


Similar Part No. - DS96176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176 TI1-DS96176 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176CN TI1-DS96176CN Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176CN/NOPB TI1-DS96176CN/NOPB Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
More results

Similar Description - DS96176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
   RS-485/RS-422 Differential Bus Repeater
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com