Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM52B6R8MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM52B6R8MTRF
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM52B6R8MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM52B6R8MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM52B6R8MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• MOLDED METAL COMPOSITE CONSTRUCTION
• HIGH SATURATION CURRENT CHARACTERISTICS (~ 75A)
• HIGH EFFICIENCY (2X IMPROVEMENT OVER
FERRITE CORE INDUCTORS)
• LOW PROFILE (1.2mm ~ 7.0mm)
CHARACTERISTICS (42B ~ 74B)
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Code
75B
101B
103B
104B
105B
133B
135B
136B
187B
Inductance Range (μH)
0.13 ~ 22 0.68 ~ 4.7 0.22 ~ 22 0.15 ~ 68 1.0 ~ 6.8 0.22 ~ 3.3 0.36 ~ 47 8.2 ~ 150 1.5 ~ 68
Ambient Operating Temperature Range
-55°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-30%
Inductance Tolerance
±20%
Resistance to Solder Heat
260°C ±5°C for 10 seconds
Case Code
41B
42B
51B
52B
53B
72B
73B
74B
Inductance Range (μH)
0.33 ~ 4.7
0.1 ~ 4.7
2.2 ~ 6.8
0.47 ~ 10
0.1 ~ 6.8
0.1 ~ 15
0.1 ~ 15
0.1 ~ 22
Ambient Operating Temperature Range
-55°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-30%
Inductance Tolerance
±20%
Resistance to Solder Heat
260°C ±5°C for 10 seconds
CHARACTERISTICS (75B ~ 105B)
NPIM 73B R47 M TR F
RoHS Compliant
TR = Tape & Reel Packaging
Tolerance: M = 20%
Inductance Value Code: First two characters
are signficant figures, 3rd character is multiplier, "R" = decimal point
Size Code
Series
PART NUMBER SYSTEM
Expanded Value Range


Similar Part No. - NPIM52B6R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM52B6R8MTRF NIC-NPIM52B6R8MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM52B6R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com