Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM53B1R5MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIM53B1R5MTRF
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM53B1R5MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIM53B1R5MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM53B1R5MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 42B ( 4.15 X 4.0 X 1.8mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM42BR10MTRF
0.1
4.0
12
22
100KHz
NPIM42BR22MTRF
0.22
6.6
9.0
12.5
NPIM42BR47MTRF
0.47
14
7.0
9.5
NPIM42BR56MTRF
0.56
16
6.5
10
NPIM42BR68MTRF
0.68
18
6.0
9.0
NPIM42B1R0MTRF
1.0
27
4.5
7.0
NPIM42B1R2MTRF
1.2
27
4.5
7.0
NPIM42B1R5MTRF
1.5
46
4.0
6.0
NPIM42B2R2MTRF
2.2
58
3.0
5.0
NPIM42B3R3MTRF
3.3
87
2.5
4.0
NPIM42B4R7MTRF
4.7
105
2.2
3.0
Contact NIC for
NPIM42B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 52B ( 5.4 X 5.2 X 1.6mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM52BR47MTRF
0.47
9
10.5
15.5
100KHz
NPIM52BR56MTRF
0.56
10
9.5
15
NPIM52B1R0MTRF
1.0
17
8.0
9.0
NPIM52B1R2MTRF
1.2
20
7.5
8.0
NPIM52B2R2MTRF
2.2
35
5.0
6.5
NPIM52B3R3MTRF
3.3
58
4.5
5.0
NPIM52B4R7MTRF
4.7
85
3.5
4.0
NPIM52B6R8MTRF
6.8
120
2.8
3.4
NPIM52B8R2MTRF
8.2
145
2.6
3.1
NPIM52B100MTRF
10
155
2.5
3.0
Contact NIC for
NPIM52B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
Part Number
STANDARD VALUES - CASE SIZE 51B ( 5.4 X 5.2 X 1.0mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM51B2R2MTRF
2.2
76
3.5
4.0
100KHz
NPIM51B3R3MTRF
3.3
98
3.0
3.7
NPIM51B4R7MTRF
4.7
163
2.3
3.4
NPIM51B6R8MTRF
6.8
250
2.0
2.3
Contact NIC for
NPIM51B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.


Similar Part No. - NPIM53B1R5MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM53B1R5MTRF NIC-NPIM53B1R5MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM53B1R5MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com