Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM42PA1R0MTRQYF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM42PA1R0MTRQYF
Description  NPIM Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM42PA1R0MTRQYF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM42PA1R0MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM42PA1R0MTRQYF Datasheet HTML 8Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
STANDARD VALUES - CASE SIZE 32PA ( 3.5 X 3.2 X 1.8mm)
Inductance Value
(μH)
Tolerance
DC Resistance
(mΩ)
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test
Frequency
NPIM32PAR10YTRQYF
0.10
±30%
9.0
14.0
10.5
100KHz/1.0V
NPIM32PAR22YTRQYF
0.22
±30%
14.0
11.2
9.0
100KHz/1.0V
NPIM32PAR33MTRQYF
0.33
±20%
21.0
10.0
8.0
100KHz/1.0V
NPIM32PAR47MTRQYF
0.47
±20%
23.0
9.0
7.0
100KHz/1.0V
NPIM32PAR68MTRQYF
0.68
±20%
29.0
7.0
5.5
100KHz/1.0V
NPIM32PA1R0MTRQYF
1.0
±20%
38.0
5.0
4.0
100KHz/1.0V
NPIM32PA1R5MTRQYF
1.5
±20%
50.0
4.0
3.8
100KHz/1.0V
NPIM32PA2R2MTRQYF
2.2
±20%
75.0
3.7
3.5
100KHz/1.0V
NPIM32PA3R3MTRQYF
3.3
±20%
145.0
3.5
3.0
100KHz/1.0V
NPIM32PA4R7MTRQYF
4.7
±20%
200.0
3.0
2.6
100KHz/1.0V
NPIM32PA5R6MTRQYF
5.6
±20%
238.0
2.6
2.2
100KHz/1.0V
NPIM32PA6R8MTRQYF
6.8
±20%
300.0
2.2
1.9
100KHz/1.0V
NPIM32PA8R2MTRQYF
8.2
±20%
390.0
1.9
1.6
100KHz/1.0V
NPIM32PA100MTRQYF
10
±20%
422.0
1.6
1.4
100KHz/1.0V
Maximum +40°C temperature rise at Irms. Approximate -30% inductance change at Isat.
NPIM_PA Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 42PA ( 4.45 X 4.06 X 1.8mm)
Inductance Value
(μH)
Tolerance
DC Resistance
(mΩ)
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test
Frequency
NPIM42PAR10YTRQYF
0.10
±30%
4.0
35.0
12.0
100KHz/1.0V
NPIM42PAR18YTRQYF
0.18
±30%
5.4
28.0
13.5
100KHz/1.0V
NPIM42PAR22YTRQYF
0.22
±30%
7.3
24.0
13.0
100KHz/1.0V
NPIM42PAR33MTRQYF
0.33
±20%
8.6
18.0
10.0
100KHz/1.0V
NPIM42PAR47MTRQYF
0.47
±20%
14.0
12.0
8.0
100KHz/1.0V
NPIM42PAR56MTRQYF
0.56
±20%
16.0
10.0
7.3
100KHz/1.0V
NPIM42PAR68MTRQYF
0.68
±20%
19.0
10.0
7.0
100KHz/1.0V
NPIM42PA1R0MTRQYF
1.0
±20%
27.0
8.5
5.0
100KHz/1.0V
NPIM42PA1R2MTRQYF
1.2
±20%
30.0
7.8
4.8
100KHz/1.0V
NPIM42PA1R5MTRQYF
1.5
±20%
42.0
7.0
4.5
100KHz/1.0V
NPIM42PA2R2MTRQYF
2.2
±20%
61.0
6.0
4.0
100KHz/1.0V
NPIM42PA3R3MTRQYF
3.3
±20%
76.0
4.0
3.5
100KHz/1.0V
NPIM42PA4R7MTRQYF
4.7
±20%
105.0
3.5
2.6
100KHz/1.0V
NPIM42PA5R6MTRQYF
5.6
±20%
125.0
3.0
2.2
100KHz/1.0V
NPIM42PA6R8MTRQYF
6.8
±20%
172.0
2.8
2.1
100KHz/1.0V
NPIM42PA8R2MTRQYF
8.2
±20%
180.0
2.5
2.0
100KHz/1.0V
NPIM42PA100MTRQYF
10
±20%
243.0
2.3
1.8
100KHz/1.0V
NPIM42PA150MTRQYF
15
±20%
374.0
1.9
1.5
100KHz/1.0V
NPIM42PA220MTRQYF
22
±20%
500.0
1.4
1.2
100KHz/1.0V
Maximum +40°C temperature rise at Irms. Approximate -30% inductance change at Isat.


Similar Part No. - NPIM42PA1R0MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM42P NIC-NPIM42P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM42P100MTRF NIC-NPIM42P100MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM42P100MTRF NIC-NPIM42P100MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM42P150MTRF NIC-NPIM42P150MTRF Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM42P150MTRF NIC-NPIM42P150MTRF Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM42PA1R0MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com