Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM41L100MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM41L100MTRF
Description  NPIM Shielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM41L100MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM41L100MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM41L100MTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM_L Series
NPIM Shielded Power Inductors
Maximum +40°C temperature rise at IDC. Maximum -30% inductance drop from initial measured value at Isat.
NPIM26L Size
Series
Standard Values - Case Size 26 (2.0×1.6×1.0mm)
Inductance (μH)
Test Conditions
DCR
(Ω)
Isat (Amps)
IDC (Amps)
Max.
Typ.
Max.
Typ.
Max.
Typ.
NPIM26LR24MTRF
0.24 ± 20%
1MHz, 1V
0.034
0.028
5.6
6.6
4
4.5
NPIM26LR33MTRF
0.33 ± 20%
0.04
0.033
4.8
5.7
3.5
3.8
NPIM26LR47MTRF
0.47 ± 20%
0.048
0.04
3.6
4.3
3.4
3.6
NPIM26LR68MTRF
0.68 ± 20%
0.056
0.047
3
3.6
2.6
2.85
NPIM26L1R0MTRF
1.0 ± 20%
0.075
0.063
2.4
3
2.5
2.7
NPIM26L1R5MTRF
1.5 ± 20%
0.12
0.1
1.8
2.15
2.15
2.25
NPIM26L2R2MTRF
2.2 ± 20%
0.16
0.135
1.55
1.85
1.6
1.75
NPIM26L3R3MTRF
3.3 ± 20%
0.23
0.193
1.25
1.5
1.5
1.7
NPIM26L4R7MTRF
4.7 ± 20%
0.34
0.28
1
1.2
1.25
1.3
NPIM26L6R8MTRF
6.8 ± 20%
0.54
0.45
0.84
1
0.97
1.02
NPIM26L100MTRF
10 ± 20%
0.685
0.57
0.75
0.9
0.9
0.95
NPIM26LR24MTRF
NPIM26LR33MTRF
NPIM26LR47MTRF
NPIM26LR68MTRF
NPIM26L1R0MTRF
NPIM26L1R5MTRF
NPIM26L2R2MTRF
NPIM26L3R3MTRF
NPIM26L4R7MTRF
NPIM26L6R8MTRF
NPIM26L100MTRF


Similar Part No. - NPIM41L100MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM41B NIC-NPIM41B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R0MTRF NIC-NPIM41B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R0MTRF NIC-NPIM41B1R0MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R5MTRF NIC-NPIM41B1R5MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM41B1R5MTRF NIC-NPIM41B1R5MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM41L100MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com