Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP785AH33T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP785AH33T1G
Description  High PSRR Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP785AH33T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP785AH33T1G Datasheet HTML 1Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 2Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 3Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 4Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 5Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 6Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 7Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 8Page - ON Semiconductor NCP785AH33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
December, 2014 − Rev. 2
1
Publication Order Number:
NCP785A/D
NCP785A
Wide Input Voltage Range
10mA Ultra-Low Iq, High
PSRR Linear Regulator
The NCP785A is a high−performance linear regulator, offering a
very wide operating input voltage range of up to 450 V DC, with an
output current of up to 10 mA.
Ideal for high input voltage applications such as industrial and home
metering, home appliances. The NCP785A family offers
±5% initial
accuracy, extremely high−power supply rejection ratio and ultra−low
quiescent current. The NCP785A is optimized for high−voltage line
and load transients, making this part ideal for harsh environment
applications.
The NCP785A is offered in fixed output voltage options 3.3 V,
5.0 V, 12 V and 15 V.
SOT−89 package offers good thermal performance and help to
minimize the solution size.
Features
Wide Input Voltage Range:
DC: Up to 450 V
AC: 85 V to 260 V (half−wave rectifier and 2.2
mF capacitor)
10 mA Guaranteed Output Current
Ultra Low Quiescent Current: Typ. 10 mA (VOUT ≤ 5 V)
±5% Accuracy Over Full Load, Line and Temperature Variations
Ultra−high PSRR: 70 dB at 60 Hz, 90 dB at 100 kHz
Stable with Ceramic Output Capacitor 22 mF MLCC
Thermal Shutdown and Current Limit Protection
Available in Thermally Enhanced SOT89−3 Package
This is a Pb−Free Device
Typical Applications
Industrial Applications, Home Appliances
Home Metering / Network Application
Off−line Power Supplies
Figure 1. Typical Applications
NCP785A
GND
2.2
μF
22
μF
25 V − 450 V
NCP785A
GND
2.2
μF/
450 V
22
μF
85 VAC − 260 VAC
CIN
VIN
VIN
VOUT
COUT
VOUT
3.3 V, 5 V, 12 V, 15 V
VIN
CIN
VIN
VOUT
COUT
VOUT
3.3 V, 5 V, 12 V, 15 V
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
SOT−89
CASE 528AG
A
= Assembly Location
Y
= Year
W
= Work Week
XXXXX = Specific Device Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
AYW
XXXXX
G
G
2
Tab
3
(Top Views)
(Tab is connected to Pin 2)


Similar Part No. - NCP785AH33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP785AH33T1G ONSEMI-NCP785AH33T1G Datasheet
109Kb / 10P
   Wide Input Voltage Range 10mA Ultra-Low Iq, High PSRR Linear Regulator
December, 2014 ??Rev. 2
More results

Similar Description - NCP785AH33T1G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
logo
Analog Devices
ADP7157 AD-ADP7157 Datasheet
1Mb / 24P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525C ACE-ACE525C Datasheet
921Kb / 9P
   300mA High PSRR, Linear Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8063 BELLING-BL8063 Datasheet
322Kb / 8P
   300mA High PSRR, Linear Regulator
BL8554 BELLING-BL8554 Datasheet
314Kb / 8P
   300mA High PSRR, Linear Regulator
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
   500mA High PSRR, Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com