Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1083DER2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1083DER2G
Description  Integrated High Power PoE-PD Interface & DC-DC Converter Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1083DER2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1083DER2G Datasheet HTML 1Page - ON Semiconductor NCP1083DER2G Datasheet HTML 2Page - ON Semiconductor NCP1083DER2G Datasheet HTML 3Page - ON Semiconductor NCP1083DER2G Datasheet HTML 4Page - ON Semiconductor NCP1083DER2G Datasheet HTML 5Page - ON Semiconductor NCP1083DER2G Datasheet HTML 6Page - ON Semiconductor NCP1083DER2G Datasheet HTML 7Page - ON Semiconductor NCP1083DER2G Datasheet HTML 8Page - ON Semiconductor NCP1083DER2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP1083
http://onsemi.com
2
DC−DC Converter Controller
Current Mode Control
Supports Isolated and Non−isolated DC−DC Converter
Applications
Internal Voltage Regulators
Wide Duty Cycle Range with Internal Slope
Compensation Circuitry
Programmable Oscillator Frequency
Programmable Soft−start Time
(Top View)
PIN DIAGRAM
Exposed
Pad
1
SS
FB
COMP
VDDL
VDDH
GATE
ARTN
nCLASS_AT
CS
OSC
VPORTP
CLASS
UVLO
INRUSH
ILIM1
VPORTN1
RTN
VPORTN2
AUX
TEST
ORDERING INFORMATION
Part Number
Temperature Range
Package
Shipping Configuration
NCP1083DEG
−40°C to 85°C
TSSOP−20 EP
(Pb−Free)
74 units / Tube
NCP1083DER2G
−40°C to 85°C
TSSOP−20 EP
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
INTERNAL
SUPPLY
&
BANDGAP
VDDH
INRUSH
ILIM1
CLASSIFICATION
DETECTION
VPORTN1,2
VPORTP
CLASS
INRUSH
ILIM1
VDDH
nCLASS_AT
VDDL
THERMAL
SHUT
DOWN
HOT SWAP SWITCH
CONTROL & CURRENT
LIMIT BLOCKS
UVLO
UVLO
RTN
ARTN
1.2 V
DC−DC
CONVERTER
CONTROL
OSC
SS
FB
COMP
CS
GATE
VDDL
VDDL
VDDL
VDDH
5 K
OSC
VPORT
MONITOR
VDDL
Figure 1. NCP1083 Block Diagram
5 mA
AUX
DETECTION
AUXILIARY
SUPPLY
VDDL
20 mA


Similar Part No. - NCP1083DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1083DER2G ONSEMI-NCP1083DER2G Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
More results

Similar Description - NCP1083DER2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1081 ONSEMI-NCP1081_13 Datasheet
262Kb / 18P
   Integrated High Power PoE-PD Interface & DC-DC Converter Contr
May, 2013 ??Rev. 7
NCP1083 ONSEMI-NCP1083 Datasheet
246Kb / 17P
   Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
ON Semiconductor
NCP1082 ONSEMI-NCP1082 Datasheet
201Kb / 16P
   Integrated PoE-PD & DC-DC Converter Controller with 9V Auxiliary Supply Support
November, 2008 ??Rev. 0
logo
Texas Instruments
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
logo
List of Unclassifed Man...
AS1138 ETC2-AS1138 Datasheet
1Mb / 30P
   30W PoE PD and DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com