Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS96176CN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96176CN
Description  RS-485/RS-422 Differential Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96176CN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS96176CN Datasheet HTML 1Page - National Semiconductor (TI) DS96176CN Datasheet HTML 2Page - National Semiconductor (TI) DS96176CN Datasheet HTML 3Page - National Semiconductor (TI) DS96176CN Datasheet HTML 4Page - National Semiconductor (TI) DS96176CN Datasheet HTML 5Page - National Semiconductor (TI) DS96176CN Datasheet HTML 6Page - National Semiconductor (TI) DS96176CN Datasheet HTML 7Page - National Semiconductor (TI) DS96176CN Datasheet HTML 8Page - National Semiconductor (TI) DS96176CN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Receiver Switching Characteristics (Continued)
Note 9: Refer to EIA Standard RS-485 for exact conditions.
Note 10: Only one output at a time should be shorted.
Parameter Measurement Information
DS009630-2
FIGURE 1. Driver V
OD and VOC
DS009630-3
FIGURE 2. Driver V
OD with Varying
Common Mode Voltage
DS009630-4
FIGURE 3. Receiver V
OH and VOL
DS009630-5
DS009630-6
FIGURE 4. Driver Differential Output Delay and Transition Times
DS009630-7
DS009630-8
FIGURE 5. Driver Propagation Times
www.national.com
4


Similar Part No. - DS96176CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176CN TI1-DS96176CN Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
DS96176CN/NOPB TI1-DS96176CN/NOPB Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
More results

Similar Description - DS96176CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
   Low Power RS-485 / RS-422 Differential Bus Transceiver
DS96177 NSC-DS96177 Datasheet
262Kb / 8P
   RS-485/RS-422 Differential Bus Repeater
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com