Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV118 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV118
Description  Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV118 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMV118 Datasheet HTML 5Page - National Semiconductor (TI) LMV118 Datasheet HTML 6Page - National Semiconductor (TI) LMV118 Datasheet HTML 7Page - National Semiconductor (TI) LMV118 Datasheet HTML 8Page - National Semiconductor (TI) LMV118 Datasheet HTML 9Page - National Semiconductor (TI) LMV118 Datasheet HTML 10Page - National Semiconductor (TI) LMV118 Datasheet HTML 11Page - National Semiconductor (TI) LMV118 Datasheet HTML 12Page - National Semiconductor (TI) LMV118 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Notes (Continued)
Figure 3 shows the output waveform.
If bipolar transistor power dissipation is not tolerable, the
switch could be by a N-channel enhancement mode MOS-
FET.
2.7V SINGLE SUPPLY 2:1 MUX
The schematic show in Figure 4 will function as a 2:1 MUX
operating on a single 2.7V power supply, by utilizing the
shutdown feature of the LMV118.
Figure 5 shows the MUX output when selecting between a
1MHz sine and a 250kHz triangular waveform.
As can be seen in Figure 5, the output is well behaved and
there are no spikes or glitches due to the switching. Switch-
ing times are approximately around 500ns based on the time
when the output is considered “valid”.
20080764
FIGURE 2. Active Pull-Down Schematic
20080736
FIGURE 3. Output Held Low by Active Pull-Down
Circuit
20080758
FIGURE 4. 2:1 MUX Operating off a 2.7V Single Supply
20080735
FIGURE 5. 2:1 MUX Output
www.national.com
10


Similar Part No. - LMV118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV118MF TI1-LMV118MF Datasheet
1Mb / 23P
[Old version datasheet]   LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV118MF/NOPB TI1-LMV118MF/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV118MFX/NOPB TI1-LMV118MFX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
More results

Similar Description - LMV118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV116 TI1-LMV116 Datasheet
1Mb / 23P
[Old version datasheet]   LMV118 Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com