Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1423DMR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1423DMR2G
Description  Sync-Rect PFM Step-Up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1423DMR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1423DMR2G Datasheet HTML 6Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 7Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 8Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 9Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 10Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 11Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 12Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 13Page - ON Semiconductor NCP1423DMR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP1423, SCV1423
http://onsemi.com
11
IC is enabled again, and the internal circuit typically
consumes 9
mA of current from the OUT pin during normal
operation.
Low−Battery Detection
A comparator with 15 mV hysteresis is applied to perform
the low−battery detection function. When Pin 9 (LBI) is at
a voltage (defined by a resistor divider from the battery
voltage) lower than the internal reference voltage of 0.5 V,
the comparator output turns on a 50
W low side switch. It
pulls down the voltage at Pin 10 (LBO) which requires a
hundred to a thousand k
W of external pull−high resistance.
If the Pin 9 voltage is higher than 0.5 V+15 mV, the
comparator output turns off the 50
W low side switch. When
this occurs, Pin 10 becomes high impedance and its voltage
is pulled high again.
Auto Discharge
Auto discharge function is using for ensure the output
voltage status after the power down occur. This function is
using for communication with a digital signal. When auto
discharge function is enabled, the ADEN is set high; the
output capacitor will be discharged after the device is
shutdown. The capacitors connected to the output are
discharged by an integrated switch of 100
W. The residual
voltage on VOUT will be less than 0.4 V after auto discharge.
APPLICATIONS INFORMATION
Output Voltage Setting
A typical application circuit is shown in Figure 1, The
output voltage of the converter is determined by the external
feedback network comprised of R1 and R2 and the
relationship is given by:
VOUT + 0.5 V
1
) R1
R2
where R1 and R2 are the upper and lower feedback resistors,
respectively.
Low Battery Detect Level Setting
The Low Battery Detect Voltage of the converter is
determined by the external divider network comprised of R3
and R4 and the relationship is given by:
VLBI + 0.5 V
1
) R3
R4
where R3 and R4 are the upper and lower divider resistors
respectively.
Inductor Selection
The NCP1423 is tested to produce optimum performance
with a 5.6
mH inductor at VIN = 1.3 V, VOUT = 3.3 V,
supplying an output current up to 200 mA. For other input
/ output requirements, inductance in the range 3
mH to 10 mH
can be used according to end application specifications.
Selecting an inductor is a compromise between output
current capability, inductor saturation limit and tolerable
output voltage ripple. Low inductance values can supply
higher output current but also increase the ripple at output
and decrease efficiency. On the other hand, high inductance
values can improve output ripple and efficiency; however,
it also limited the output current capability at the same time.
Another parameter of the inductor is its DC resistance.
This resistance can introduce unwanted power loss and
reduce overall efficiency. The basic rule is to select an
inductor with lowest DC resistance within the board space
limitation of the end application.
Capacitors Selection
In all switching mode boost converter applications, both
the input and output terminals see impulsive voltage /
current waveforms. The currents flowing into and out of the
capacitors multiply with the Equivalent Series Resistance
(ESR) of the capacitor to produce ripple voltage at the
terminals. During the Syn−Rect switch−off cycle, the
charges stored in the output capacitor are used to sustain the
output load current. Load current at this period and the ESR
combined and reflect as ripple at the output terminals. For all
cases, the lower the capacitor ESR, the lower the ripple
voltage at output. As a general guideline, low ESR
capacitors should be used.
PCB Layout Recommendations
Good PCB layout plays an important role in switching
mode power conversion. Careful PCB layout can help to
minimize ground bounce, EMI noise, and unwanted
feedback that can affect the performance of the converter.
Hints suggested below can be used as a guideline in most
situations.
Grounding
A star−ground connection should be used to connect the
output power return ground, the input power return ground,
and the device power ground together at one point. All
high−current paths must be as short as possible and thick
enough to allow current to flow through and produce
insignificant voltage drop along the path. The feedback
signal path must be separated from the main current path and
sense directly at the anode of the output capacitor.
Components Placement
Power components (i.e. input capacitor, inductor and
output capacitor) must be placed as close together as
possible. All connecting traces must be short, direct and
thick. High current flowing and switching paths must be
kept away from the feedback (FB, Pin 3) terminal to avoid
unwanted injection of noise into the feedback path.


Similar Part No. - NCP1423DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1423DMR2G ONSEMI-NCP1423DMR2G Datasheet
154Kb / 13P
   400 mA Sync?뭃ect PFM Step?뭊p DC?묭C Converter with True?묬utoff and Ring?묷iller
October, 2006 ??Rev. 5
NCP1423DMR2G ONSEMI-NCP1423DMR2G Datasheet
308Kb / 16P
   Boost Converter Sync-Rect, PFM, DC-DC, True-Cutoff, Ring-Killer 400 mA
August, 2019 - Rev. 8
More results

Similar Description - NCP1423DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1410 ONSEMI-NCP1410_05 Datasheet
132Kb / 14P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
January, 2005 ??Rev. 3
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
NCP1410 ONSEMI-NCP1410 Datasheet
126Kb / 16P
   250 mA Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector
December, 2001 ??Rev. 2
NCP1411 ONSEMI-NCP1411 Datasheet
133Kb / 14P
   Sync-Rect PFM Step-Up DC-DC Converter with Low-Battery Detector and Ring-Killer
October, 2004 ??Rev. 3
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com