Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1602 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1602
Description  Enhanced, High-Efficiency Power Factor Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1602 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1602_16 Datasheet HTML 6Page - ON Semiconductor NCP1602_16 Datasheet HTML 7Page - ON Semiconductor NCP1602_16 Datasheet HTML 8Page - ON Semiconductor NCP1602_16 Datasheet HTML 9Page - ON Semiconductor NCP1602_16 Datasheet HTML 10Page - ON Semiconductor NCP1602_16 Datasheet HTML 11Page - ON Semiconductor NCP1602_16 Datasheet HTML 12Page - ON Semiconductor NCP1602_16 Datasheet HTML 13Page - ON Semiconductor NCP1602_16 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NCP1602
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 9. Dead−Time, Vctrl = 0.75 V w/
E Config (tDT,E,2) vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
6.7
7.2
7.7
8.2
8.7
9.7
10.2
10.7
120
80
60
40
20
0
−40
−60
−20
100
140
9.2
Figure 10. Vctrl Threshold CrM to DCM Mode
w/ E Config (Vctrl,th,E) vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
1.398
1.448
1.498
1.548
1.598
1.648
1.698
120
80
60
40
20
0
−40
−60
−20
100
140
Figure 11. Vcrtl Pin SKIP Level, Vctrl Rising
(VSKIP−H) vs. Junction Temperature
Figure 12. Vcrtl pin SKIP Level, Vctrl Falling
(VSKIP−L) vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
0.555
0.575
0.595
0.615
0.635
0.655
0.675
0.516
0.536
0.556
0.576
0.596
0.616
0.636
0.656
Figure 13. DRV Pin Level for VCC = VCC,off +
200 mV (10−k
W Resistor between DRV and
GND) (VDRV,low) vs. Junction Temperature
Figure 14. DRV Pin Level @ VCC = 30 V (RL =
33 k
W & CL = 1 nF) (VDRV,high) vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
8.0
8.5
9.0
9.5
10.0
11.0
11.5
12.0
10.0
10.5
11.0
11.5
12.0
13.0
13.5
14.0
120
80
60
40
20
0
−40
−60
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
120
80
60
40
20
0
−40
−60
−20
100
140
10.5
12.5


Similar Part No. - NCP1602_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
More results

Similar Description - NCP1602_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com