Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1608 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1608_15 Datasheet HTML 1Page - ON Semiconductor NCP1608_15 Datasheet HTML 2Page - ON Semiconductor NCP1608_15 Datasheet HTML 3Page - ON Semiconductor NCP1608_15 Datasheet HTML 4Page - ON Semiconductor NCP1608_15 Datasheet HTML 5Page - ON Semiconductor NCP1608_15 Datasheet HTML 6Page - ON Semiconductor NCP1608_15 Datasheet HTML 7Page - ON Semiconductor NCP1608_15 Datasheet HTML 8Page - ON Semiconductor NCP1608_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCP1608
www.onsemi.com
5
Table 3. ELECTRICAL CHARACTERISTICS (Continued)
VFB = 2.4 V, VControl = 4 V, Ct = 1 nF, VCS = 0 V, VZCD = 0 V, CDRV = 1 nF, VCC = 12 V, unless otherwise specified
(For typical values, TJ = 25°C. For min/max values, TJ = −55°C to 125°C (Note 6), VCC = 12 V, unless otherwise specified)
Characteristic
Unit
Max
Typ
Min
Symbol
Test Conditions
ERROR AMPLIFIER
Minimum Control Voltage to Generate
Drive Pulses
VControl = Decreasing until
VDRV is low, VCt = 0 V
TJ = −40°C to +125°C
TJ = −55°C to +125°C (Note 6)
Ct(offset)
0.37
0.37
0.65
0.65
0.88
1.1
V
Control Voltage Range
VEAH – Ct(offset)
VEA(DIFF)
4.5
4.9
5.3
V
RAMP CONTROL
Ct Peak Voltage
VControl = open
VCt(MAX)
4.775
4.93
5.025
V
On Time Capacitor Charge Current
VControl = open
VCt = 0 V to VCt(MAX)
Icharge
235
275
297
mA
Ct Capacitor Discharge Duration
VControl = open
VCt = VCt(MAX) −100 mV to 500 mV
tCt(discharge)
50
150
ns
PWM Propagation Delay
dV/dt = 30 V/
ms
VCt = VControl − Ct(offset)
to VDRV = 10%
tPWM
130
220
ns
CURRENT SENSE
Current Sense Voltage Threshold
VILIM
0.45
0.5
0.55
V
Leading Edge Blanking Duration
VCS = 2 V, VDRV = 90% to 10%
tLEB
100
190
350
ns
Overcurrent Detection Propagation De-
lay
dV/dt = 10 V/
ms
VCS = VILIM to VDRV = 10%
tCS
40
100
170
ns
Current Sense Bias Current
VCS = 2 V
ICS
−1
1
mA
ZERO CURRENT DETECTION
ZCD Arming Threshold
VZCD = Increasing
VZCD(ARM)
1.25
1.4
1.55
V
ZCD Triggering Threshold
VZCD = Decreasing
VZCD(TRIG)
0.6
0.7
0.83
V
ZCD Hysteresis
VZCD(HYS)
500
700
900
mV
ZCD Bias Current
VZCD = 5 V
IZCD
−2
+2
mA
Positive Clamp Voltage
IZCD = 3 mA
TJ = −40°C to +125°C
TJ = −55°C to +125°C (Note 6)
VCL(POS)
9.8
9.2
10
10
12
12
V
Negative Clamp Voltage
IZCD = −2 mA
TJ = −40°C to +125°C
TJ = −55°C to +125°C (Note 6)
VCL(NEG)
−0.9
−1.1
−0.7
−0.7
−0.5
−0.5
V
ZCD Propagation Delay
VZCD = 2 V to 0 V ramp,
dV/dt = 20 V/
ms
VZCD = VZCD(TRIG) to VDRV = 90%
tZCD
100
170
ns
Minimum ZCD Pulse Width
tSYNC
70
ns
Maximum Off Time in Absence of ZCD
Transition
Falling VDRV = 10% to
Rising VDRV = 90%
tstart
75
165
300
ms
DRIVE
Drive Resistance
Isource = 100 mA
Isink = 100 mA
ROH
ROL
12
6
20
13
W
Rise Time
10% to 90%
trise
35
80
ns
Fall Time
90% to 10%
tfall
25
70
ns
Drive Low Voltage
VCC = VCC(on)−200 mV,
Isink = 10 mA
Vout(start)
0.2
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. For coldest temperature, QA sampling at −40
°C in production and −55°C specification is Guaranteed by Characterization.


Similar Part No. - NCP1608_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_10 Datasheet
276Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
June, 2010 ??Rev. 3
More results

Similar Description - NCP1608_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608 ONSEMI-NCP1608_10 Datasheet
276Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
June, 2010 ??Rev. 3
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com