Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1855FCCT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1855FCCT1G
Description  Path Management and USB On-The-Go Support
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1855FCCT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1855FCCT1G Datasheet HTML 2Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 3Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 9Page - ON Semiconductor NCP1855FCCT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP1855
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to +125°C for VIN between 3.9 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
BATTERY VOLTAGE THRESHOLD
VBUCKOV
Overvoltage threshold voltage
VBAT rising, relative to VCHG setting register, measured
on SENSN or SENSP, QBAT close or no QBAT
115
%
QBAT open.
5
V
CHARGE CURRENT REGULATION
ICHG
Charge current range
Programmable by I2C
450
2500
mA
Default value
950
1000
1050
mA
Charge current accuracy
−50
50
mA
I2C Programmable granularity
100
mA
IPRE
Pre−charge current
VBAT < VPRE
400
450
500
mA
ISAFE
Safe charge current
VBAT < VSAFE
30
40
50
mA
IWEAK
Weak battery charge current
BATFET present,
VSAFE < VBAT <
VFET
IWEAK[1:0] = 01
80
100
120
mA
IWEAK[1:0] = 10
180
200
220
IWEAK[1:0] = 11
270
300
330
CHARGE TERMINATION
IEOC
Charge current termination
VBAT ≥ VRECHG
Current range
100
275
mA
Default value
150
Accuracy, IEOC < 200 mA
−25
25
I2C Programmable granularity
25
FLAG
VFOL
FLAG output low voltage
IFLAG = 10 mA
0.5
V
IFLEAK
Off−state leakage
VFLAG = 5 V
1
mA
TFLGON
Interrupt request pulse duration
Single event
150
200
250
ms
DIGITAL INPUT (VDG)
VIH
High−level input voltage
1.2
V
VIL
Low−level input voltage
0.4
V
RDG
Pull up resistor (FRTY pin)
250
k
W
Pull down resistor (others pin)
IDLEAK
Input current
VDG = 0 V
−0.5
0.5
mA
I2C
VSYSUV
CAP pin supply voltage
I2C registers available
2.5
V
VI2CINT
High level at SCL/SCA line
1.7
5
V
VI2CIL
SCL, SDA low input voltage
0.4
V
VI2CIH
SCL, SDA high input voltage
0.8*
VI2CINT
V
VI2COL
SCL, SDA low output voltage
ISINK = 3 mA
0.3
V
FSCL
I2C clock frequency
3.4
MHz


Similar Part No. - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855FCCT1G ONSEMI-NCP1855FCCT1G Datasheet
341Kb / 26P
   Fully Integrated Li-Ion Switching Battery Charger
August, 2014 ??Rev. P1
More results

Similar Description - NCP1855FCCT1G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Maxim Integrated Produc...
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
   USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
MK20DN32VYY5 FREESCALE-MK20DN32VYY5 Datasheet
429Kb / 2P
   Low-power MCUs with USB On-The-Go
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com