Electronic Components Datasheet Search |
|
NCP1117DT285RKG Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCP1117DT285RKG Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 17 page NCP1117, NCV1117 http://onsemi.com 2 10 mF 1 2 Output 10 mF 3 Input NCP1117 XTXX ++ Figure 1. Fixed Output Regulator 10 mF 1 2 Output 10 mF 3 Input NCP1117 XTA ++ Figure 2. Adjustable Output Regulator 22 mF 1 2 10 mF 3 NCP1117 XT285 ++ 110 W 110 W 110 W 110 W 4.75 V to 5.25 V + 18 to 27 Lines Figure 3. Active SCSI Bus Terminator TYPICAL APPLICATIONS MAXIMUM RATINGS Rating Symbol Value Unit Input Voltage (Note 1) Vin 20 V Output Short Circuit Duration (Notes 2 and 3) − Infinite − Power Dissipation and Thermal Characteristics Case 318H (SOT−223) Power Dissipation (Note 2) Thermal Resistance, Junction−to−Ambient, Minimum Size Pad Thermal Resistance, Junction−to−Case Case 369A (DPAK) Power Dissipation (Note 2) Thermal Resistance, Junction−to−Ambient, Minimum Size Pad Thermal Resistance, Junction−to−Case PD RqJA RqJC PD RqJA RqJC Internally Limited 160 15 Internally Limited 67 6.0 W °C/W °C/W W °C/W °C/W Maximum Die Junction Temperature Range TJ −55 to 150 °C Storage Temperature Range Tstg −65 to 150 °C Operating Ambient Temperature Range NCP1117 NCV1117 TA 0 to +125 −40 to +125 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. This device series contains ESD protection and exceeds the following tests: Human Body Model (HBM), Class 2, 2000 V Machine Model (MM), Class B, 200 V Charge Device Model (CDM), Class IV, 2000 V. 2. Internal thermal shutdown protection limits the die temperature to approximately 175 °C. Proper heatsinking is required to prevent activation. The maximum package power dissipation is: PD + TJ(max) * TA R qJA 3. The regulator output current must not exceed 1.0 A with Vin greater than 12 V. |
Similar Part No. - NCP1117DT285RKG |
|
Similar Description - NCP1117DT285RKG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |