Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV1117ST33T3G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV1117ST33T3G
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1117ST33T3G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV1117ST33T3G Datasheet HTML 3Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 4Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 5Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 6Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 7Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 8Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 9Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 10Page - ON Semiconductor NCV1117ST33T3G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCP1117, NCV1117
http://onsemi.com
7
t, TIME (
ms)
−20
0
7.5
6.5
0
40
80
120
160
200
20
Figure 15. NCP1117XT285
Line Transient Response
Figure 16. NCP1117XT285
Load Transient Response
Figure 17. NCP1117XT50
Line Transient Response
Figure 18. NCP1117XT50
Load Transient Response
Cin = 10 mF
Cout = 10 mF
Vin = 6.5 V
Preload = 0.1 A
TA = 25°C
t, TIME (
ms)
0
0.5
0
0.1
−0.1
0
40
80
120
160
200
Cin = 10 mF
Cout = 10 mF
Vin = 4.5 V
Preload = 0.1 A
TA = 25°C
t, TIME (
ms)
0
0.5
0
0.1
−0.1
0
40
80
120
160
200
t, TIME (
ms)
−20
0
5.25
4.25
0
40
80
120
160
200
Cin = 1.0 mF
Cout = 10 mF
Iout = 0.1 A
TA = 25°C
20
Cin = 1.0 mF
Cout = 10 mF
Iout = 0.1 A
TA = 25°C
Figure 19. NCP1117XT12 Line
Transient Response
Figure 20. NCP1117XT12 Load
Transient Response
t, TIME (
ms)
Cin = 10 mF
Cout = 10 mF
Vin = 13.5 V
Preload = 0.1 A
TA = 25°C
0
0.5
0
0.1
−0.1
0
40
80
120
160
200
t, TIME (
ms)
−20
0
14.5
13.5
0
40
80
120
160
200
20
Cin = 1.0 mF
Cout = 10 mF
Iout = 0.1 A
TA = 25°C


Similar Part No. - NCV1117ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST33T3G ONSEMI-NCV1117ST33T3G Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCV1117ST33T3G ONSEMI-NCV1117ST33T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCV1117ST33T3G ONSEMI-NCV1117ST33T3G Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
More results

Similar Description - NCV1117ST33T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117 Datasheet
144Kb / 16P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
July, 2004 ??Rev. 11
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com