Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S0603F750 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # S0603F750
Description  Chip Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

S0603F750 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  S0603F750 Datasheet HTML 1Page - GOOD-ARK Electronics S0603F750 Datasheet HTML 2Page - GOOD-ARK Electronics S0603F750 Datasheet HTML 3Page - GOOD-ARK Electronics S0603F750 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
@copyright Good-Ark2012
www.goodark.com
Chip Fuse
Product Dimension
Recommended Pad Layout
Part Number System
S0603
F
250
TR
Packing Code
Ampere Rating
F(Fast Acting)
Series(0603 size)
Specify Packaging and product code (i.e. S0603F250-TR)
Note: TR: 5 ,000 pieces of fuses on 8mm tape-and-reel on a 7 inch (178mm) reel per EIA Standard 481
Revision history
Date
Revision
Description of changes
31-July-2011
A
First issue
1.6± 0.15
0.8± 0.15
0.36 ± 0.15
0.5± 0.15
0.75
1.75
1.0
DIMENSIONS:mm


Similar Part No. - S0603F750

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S0603F GOOD-ARK-S0603F_15 Datasheet
169Kb / 4P
   Chip Fuse
More results

Similar Description - S0603F750

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1TTE KOA-CCF1N1TTE Datasheet
381Kb / 2P
   chip fuse
CCF1N KOA-CCF1N Datasheet
214Kb / 2P
   chip fuse
12/12/17
CCP2B20 KOA-CCP2B20 Datasheet
115Kb / 2P
   chip fuse
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H_15 Datasheet
186Kb / 4P
   Chip Fuse
S0603F GOOD-ARK-S0603F_15 Datasheet
169Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCP2B20NILTTE KOA-CCP2B20NILTTE Datasheet
267Kb / 2P
   chip fuse
CCF1N1 KOA-CCF1N1 Datasheet
107Kb / 2P
   chip fuse
logo
GOOD-ARK Electronics
S0402F GOOD-ARK-S0402F_15 Datasheet
168Kb / 3P
   Chip Fuse
S0402F GOOD-ARK-S0402F Datasheet
168Kb / 3P
   Chip Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com