Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPI73C181KTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI73C181KTRF
Description  NPI Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI73C181KTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI73C181KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI73C181KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__C Series
Part Number
STANDARD VALUES - CASE SIZE 52 (5.8 x 5.2 x 2.0mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI52C1R0MTRF
1.0±20%
0.03
1.5
100KHz
NPI52C1R4MTRF
1.4±20%
0.04
1.5
NPI52C1R8MTRF
1.8±20%
0.05
1.5
NPI52C2R2MTRF
2.2±20%
0.06
1.5
NPI52C2R7MTRF
2.7±20%
0.07
1.5
NPI52C3R3MTRF
3.3±20%
0.08
1.5
NPI52C3R9MTRF
3.9±20%
0.09
1.0
NPI52C4R7MTRF
4.7±20%
0.10
1.0
NPI52C5R6MTRF
5.6±20%
0.11
1.0
NPI52C6R8MTRF
6.8±20%
0.14
0.70
NPI52C8R2MTRF
8.2±20%
0.15
0.65
NPI52C100MTRF
10±20%
0.30
0.60
1KHz
NPI52C120MTRF
12±20%
0.35
0.60
NPI52C150MTRF
15±20%
0.40
0.55
NPI52C180MTRF
18±20%
0.45
0.50
NPI52C220MTRF
22±20%
0.50
0.50
NPI52C270MTRF
27±20%
0.55
0.45
NPI52C330MTRF
33±20%
0.60
0.40
NPI52C390MTRF
39±20%
0.70
0.35
NPI52C470MTRF
47±20%
0.80
0.30
NPI52C560MTRF
56±20%
0.90
0.25
NPI52C680MTRF
68±20%
1.2
0.25
NPI52C820MTRF
82±20%
1.5
0.22
1KHz
NPI52C101MTRF
100±20%
2.0
0.21
NPI52C121MTRF
120±20%
3.0
0.20
NPI52C151MTRF
150±20%
4.0
0.18
NPI52C181MTRF
180±20%
4.0
0.15
NPI52C221MTRF
220±20%
4.5
0.15
NPI52C271MTRF
270±20%
5.0
0.15
NPI52C331MTRF
330±20%
6.0
0.14
NPI52C391MTRF
390±20%
6.5
0.14
NPI52C471MTRF
470±20%
7.0
0.12
NPI52C561MTRF
560±20%
8.0
0.12
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.


Similar Part No. - NPI73C181KTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI73C181KTRF NIC-NPI73C181KTRF Datasheet
241Kb / 9P
   NPI Power Inductors
More results

Similar Description - NPI73C181KTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
   NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com