Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI81C5R6K___F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NLI81C5R6K___F
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI81C5R6K___F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NLI81C5R6K___F Datasheet HTML 1Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 2Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 3Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 4Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 5Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 6Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 7Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 8Page - NIC-Components Corp. NLI81C5R6K___F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__C Series
NLI Radial Power Inductors
FEATURES
• RADIAL LEADED POWER INDUCTOR
• WIRE WOUND CONSTRUCTION
• WIDE VALUE RANGE 1.0mH ~ 150,000mH
• AVAILABLE WITH HIGH TEMPERATURE SLEEVE
• NINE CASE SIZES (5.5X8mm ~ 14X16mm)
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Code
NLI46C
NLI68C
NLI77C
NLI87C
Inductance Range
1.0mH ~
25,000mH
3.3mH ~
150,000mH
1.0mH ~
1,500mH
2.2mH ~
1,500mH
Case Code
NLI81C
NLI100C
NLI102C
NLI108C
NLI123C
Inductance Range (μH)
3.3mH ~
100,000mH
3.3mH ~
15,000mH
10,000mH ~
100,000mH
4.7mH ~
100,000mH
10mH ~
10,000mH
Ambient Operating Temperature Range
-20°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+105°C
Temperature Rise at Irms
+20°C
Inductance Change at Isat
-10%
Inductance Tolerance
J (±5%), K (±10%), M (±20%)
Series
A max.
S
(Bulk)
S
(Tape & Box)
D max.
E ± 0.05
NLI46C
8.0
2.0 ± 0.5
5.0 ± 1.0*
5.5
0.55
NLI68C
11.0
2.5 ± 0.5
5.0 ± 1.0*
7.5
0.65
NLI77C
9.5
5.0 ± 1.0
n/a
8.5
0.65
NLI87C
9.5
5.0 ± 1.0
5.0 ± 1.0
10.0
0.65
NLI81C
13.0
5.0 ± 1.0
5.0 ± 1.0
10.0
0.65
NLI100C
13.0
5.0 ± 1.0
5.0 ± 1.0
12.0
0.80
NLI102C
15.0
6.0 ± 1.0
5.0 ± 1.0*
12.0
0.80
NLI108C
21.0
6.0 ± 1.0
n/a
12.0
0.80
NLI123C
16.0
7.5 ± 1.0
n/a
14.0
0.80
DIMENSIONS (mm)
NLI 46 C 4R7 K
TB F
RoHS Compliant
TB = Optional Packaging Tape & Box (blank for bulk packaging)
Inductance Tolerance Code: J = ±5%, K = ±10%, M = ±20%
Inductance Code (μH): 1st two digits are significant,
3rd digit is multiplier for values from 10μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
U
U = Optional Black UL +125°C Sleeving (blank for no sleeving)
A
C
15mm min.
1~3 mm max.
E
D
S
*These parts on tape & box packaging have crimped leads.


Similar Part No. - NLI81C5R6K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI81C5R6KF NIC-NLI81C5R6KF Datasheet
125Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI81C5R6K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com