Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI106D560K___F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NLI106D560K___F
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI106D560K___F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NLI106D560K___F Datasheet HTML 1Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 2Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 3Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 4Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 5Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 6Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 7Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 8Page - NIC-Components Corp. NLI106D560K___F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPI66D STANDARD VALUES (H = 6.5mm x D = 6.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Test Freq.
DCR (
Ω) max.
DCI (A) max.
NLI66D220K _ _ _F
22
±10%
2.52MHz
0.11
1.27
NLI66D270K _ _ _F
27
±10%
2.52MHz
0.14
1.14
NLI66D330K _ _ _F
33
±10%
2.52MHz
0.17
1.03
NLI66D390K _ _ _F
39
±10%
2.52MHz
0.19
0.95
NLI66D470K _ _ _F
47
±10%
2.52MHz
0.23
0.87
NLI66D560K _ _ _F
56
±10%
2.52MHz
0.26
0.80
NLI66D680K _ _ _F
68
±10%
2.52MHz
0.28
0.72
NLI66D820K _ _ _F
82
±10%
2.52MHz
0.39
0.66
NLI66D101K _ _ _F
100
±10%
1KHz
0.43
0.59
NLI66D121K _ _ _F
120
±10%
1KHz
0.54
0.54
NLI66D151K _ _ _F
150
±10%
1KHz
0.64
0.48
NLI66D181K _ _ _F
180
±10%
1KHz
0.74
0.44
NLI66D221K _ _ _F
220
±10%
1KHz
0.96
0.40
NLI66D271K _ _ _F
270
±10%
1KHz
1.12
0.36
NLI66D331K _ _ _F
330
±10%
1KHz
1.48
0.33
NLI66D391K _ _ _F
390
±10%
1KHz
1.66
0.30
NLI66D471K _ _ _F
470
±10%
1KHz
1.91
0.28
NLI66D561K _ _ _F
560
±10%
1KHz
2.31
0.25
NLI66D681K _ _ _F
680
±10%
1KHz
2.67
0.23
NLI66D821K _ _ _F
820
±10%
1KHz
3.10
0.21
NLI66D102K _ _ _F
1000
±10%
1KHz
4.45
0.19
NLI__D Series
NLI Radial Power Inductors
DC I maximum
Δ+40°C temperature rise, ΔL -10% max.
* Contact NIC for other tolerance options.
CIRCUIT
TWO LEADS


Similar Part No. - NLI106D560K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C101K___F NIC-NLI100C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C102K___F NIC-NLI100C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C103K___F NIC-NLI100C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI106D560K___F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com