Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM72PR10YTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIM72PR10YTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM72PR10YTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIM72PR10YTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM72PR10YTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE Size 50P (5.7 x 5.2 x 1.0)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM50PR10YTRF
0.10 ± 30%
4.3
5.2
14.0
14.5
100KHz
NPIM50PR22YTRF
0.22 ± 30%
5.5
6.7
10.7
14.0
NPIM50PR33MTRF
0.33 ± 20%
7.8
9.4
8.5
13.5
NPIM50PR36MTRF
0.36 ± 20%
10
11.5
8.0
13.0
NPIM50PR47MTRF
0.47 ± 20%
13.6
15.8
7.0
11.0
NPIM50PR68MTRF
0.68 ± 20%
21.5
24.5
6.0
9.0
NPIM50P1R0MTRF
1.00 ± 20%
26
30
5.0
6.0
NPIM50P1R2MTRF
1.20 ± 20%
33
40
4.5
5.5
NPIM50P1R5MTRF
1.50 ± 20%
38
44
4.0
5.0
NPIM50P2R2MTRF
2.20 ± 20%
65
75
3.5
4.0
NPIM50P3R3MTRF
3.30 ± 20%
75
86
3.0
3.8
NPIM50P4R7MTRF
4.70 ± 20%
100
115
2.5
3.2
NPIM50P5R6MTRF
5.60 ± 20%
175
201
2.4
3.2
NPIM50P6R8MTRF
6.80 ± 20%
193
222
2.0
3.0
NPIM50P8R2MTRF
8.20 ± 20%
327
378
1.7
2.8
NPIM50P100MTRF
10.0 ± 20%
335
385
1.5
1.8
Part Number
STANDARD VALUES - CASE Size 51P (5.7 x 5.2 x 1.3)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM51PR33MTRF
0.33 ± 20%
8.5
9.8
9.0
16
100KHz
NPIM51PR47MTRF
0.47 ± 20%
12
13.8
8.0
15
NPIM51PR68MTRF
0.68 ± 20%
14
16.2
7.0
13
NPIM51P1R0MTRF
1.00 ± 20%
22
25.3
6.0
9.0
NPIM51P1R5MTRF
1.50 ± 20%
39
45
4.5
7.0
NPIM51P2R2MTRF
2.20 ± 20%
45
52
4.0
6.0
NPIM51P3R3MTRF
3.30 ± 20%
78
90
3.2
4.5
NPIM51P4R7MTRF
4.70 ± 20%
103
118
2.7
4.0
NPIM51P5R6MTRF
5.60 ± 20%
126
152
2.4
3.2
NPIM51P6R8MTRF
6.80 ± 20%
142
171
2.3
3.0
NPIM51P8R2MTRF
8.20 ± 20%
175
210
2.1
2.6
NPIM51P100MTRF
10.0 ± 20%
210
235
2.0
2.3
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
NPIM50P Size
NPIM51P Size
Contact NIC for
NPIM_P Performance Curves


Similar Part No. - NPIM72PR10YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM72B NIC-NPIM72B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM72B100MTRF NIC-NPIM72B100MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM72B100MTRF NIC-NPIM72B100MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM72B150MTRF NIC-NPIM72B150MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM72B150MTRF NIC-NPIM72B150MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM72PR10YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com