Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608N104J100ST Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # C1608N104J100ST
Description  HOTTECH CHIP CERAMIC CAPACITORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

C1608N104J100ST Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  C1608N104J100ST Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 6Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 7Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 8Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. C1608N104J100ST Datasheet HTML 9Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page:P11-P1
HOTTECH CHIP CERAMIC CAPACITORS
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
1.PART NUMBER
e.g.: C2012N680J101NT
C
2012
N
680
J
101
N
T
2.STRUCTURE
介质:Dielectric 电极:Electrode 端头:Terminal 银:Silver 镍:Nickel 锡:Tin
Inner Structure
Three Electrode layers
Code:
MLCC
Size:
0603(0201)
1005(0402)
1608(0603)
2012(0805)
3216(1206)
3225(1210)
4532(1812)
Dielectric:
N=COG/NPO
B=X7R
A=X5R
F=Y5V
E=Z5U
Capacitance:
0R5=0.5pF
100=10 pF
680=68 pF
104=100nF
106=10uF
Tolerance
B=±0.1pF
C=±0.25PF
D=±0. 5PF
F=±1%
G=±2%
J =±5%
K=±10%
M=±20%
Z=-20%-
+80%
Terminal:
S: in silver
N:
Three
Layers
Packing:
T: in Tape
B: in Box
Rated Voltage:
100=10V
250=25V
101=100V
102=1000V


Similar Part No. - C1608N104J100ST

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608NP01H010C080AA TDK-C1608NP01H010C080AA Datasheet
129Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H020C080AA TDK-C1608NP01H020C080AA Datasheet
131Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H030C080AA TDK-C1608NP01H030C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H040C080AA TDK-C1608NP01H040C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
C1608NP01H050C080AA TDK-C1608NP01H050C080AA Datasheet
130Kb / 1P
   Commercial Grade ( High Temperature Application )
More results

Similar Description - C1608N104J100ST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com