Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM136B Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIM136B
Description  NPIM Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM136B Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NPIM136B Datasheet HTML 2Page - NIC-Components Corp. NPIM136B Datasheet HTML 3Page - NIC-Components Corp. NPIM136B Datasheet HTML 4Page - NIC-Components Corp. NPIM136B Datasheet HTML 5Page - NIC-Components Corp. NPIM136B Datasheet HTML 6Page - NIC-Components Corp. NPIM136B Datasheet HTML 7Page - NIC-Components Corp. NPIM136B Datasheet HTML 8Page - NIC-Components Corp. NPIM136B Datasheet HTML 9Page - NIC-Components Corp. NPIM136B Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 75B ( 7.05 X 6.6 X 4.8mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM75BR13MTRF
0.13
1.2
42
48
100KHz
NPIM75BR22MTRF
0.22
1.3
30
35
NPIM75BR36MTRF
0.36
3.1
21
25
NPIM75BR40MTRF
0.40
3.5
20
23
NPIM75BR47MTRF
0.47
3.75
20
21
NPIM75BR56MTRF
0.56
3.6
20
18
NPIM75BR68MTRF
0.68
4.2
18
16
NPIM75BR82MTRF
0.82
4.9
16.5
17
NPIM75B1R0MTRF
1.0
6.5
13
15
NPIM75B1R2MTRF
1.2
7.5
12
13
NPIM75B1R5MTRF
1.5
7.5
11
12
NPIM75B2R2MTRF
2.2
12.5
10.5
12
NPIM75B3R3MTRF
3.3
20.9
8.5
9.0
NPIM75B4R7MTRF
4.7
25
6.5
7.0
NPIM75B5R6MTRF
5.6
34.4
6.0
7.0
NPIM75B6R8MTRF
6.8
41
5.5
6.0
NPIM75B8R2MTRF
8.2
43
5.5
5.5
NPIM75B100MTRF
10
55
4.5
5.3
NPIM75B150MTRF
15
127
3.1
3.4
NPIM75B220MTRF
22
190
2.6
2.8
Contact NIC for
NPIM75B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
Part Number
STANDARD VALUES - CASE SIZE 101B ( 10.85 X 10.3 X 1.3mm)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM101BR68MTRF
0.68
16
7.5
16
100KHz
NPIM101BR82MTRF
0.82
18
6.0
14
NPIM101B1R0MTRF
1.0
21
5.5
12
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
Contact NIC for
NPIM101B Performance Curves


Similar Part No. - NPIM136B

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM133B1R0MTRF NIC-NPIM133B1R0MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B1R2MTRF NIC-NPIM133B1R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B1R5MTRF NIC-NPIM133B1R5MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B2R2MTRF NIC-NPIM133B2R2MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM133B3R3MTRF NIC-NPIM133B3R3MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM136B

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com