Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM73P3R3MTRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIM73P3R3MTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM73P3R3MTRF Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NPIM73P3R3MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM73P3R3MTRF Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE Size 70P (7 x 6.6 x 1.0)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM70PR22YTRF
0.22 ± 30%
6.5
7.5
11
19
100KHz
NPIM70PR33MTRF
0.33 ± 20%
9.0
10
9.5
16
NPIM70PR47MTRF
0.47 ± 20%
13
17
8.5
12
NPIM70PR68MTRF
0.68 ± 20%
17
19
7.0
9.0
NPIM70P1R0MTRF
1.00 ± 20%
27
30
6.0
7.0
NPIM70P1R2MTRF
1.20 ± 20%
31
36
5.0
6.8
NPIM70P1R5MTRF
1.50 ± 20%
35
40
4.5
6.5
NPIM70P2R2MTRF
2.20 ± 20%
53
61
4.0
5.0
NPIM70P3R3MTRF
3.30 ± 20%
90
103
3.2
4.0
NPIM70P4R7MTRF
4.70 ± 20%
130
150
2.5
3.8
NPIM70P6R8MTRF
6.80 ± 20%
172
198
2.1
3.0
NPIM70P100MTRF
10.0 ± 20%
280
290
1.8
2.5
Part Number
STANDARD VALUES - CASE Size 53P (5.7 x 5.2 x 2.8)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM53PR33MTRF
0.33 ± 20%
4.3
5.0
14
18
100KHz
NPIM53PR47MTRF
0.47 ± 20%
6.4
7.4
12
16
NPIM53PR68MTRF
0.68 ± 20%
10
12
8.5
14
NPIM53P1R0MTRF
1.00 ± 20%
13
14
7.0
11
NPIM53P1R2MTRF
1.20 ± 20%
14
16
6.5
11
NPIM53P1R5MTRF
1.50 ± 20%
16
25
6.0
10
NPIM53P2R2MTRF
2.20 ± 20%
25
35
5.5
9.0
NPIM53P3R3MTRF
3.30 ± 20%
32
38
5.0
8.0
NPIM53P4R7MTRF
4.70 ± 20%
50
53
4.6
6.0
NPIM53P5R6MTRF
5.60 ± 20%
55
63
4.25
4.5
NPIM53P6R8MTRF
6.80 ± 20%
68
76.2
4.0
4.3
NPIM53P100MTRF
10.0 ± 20%
110
128
2.75
3.5
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
NPIM53P Size
NPIM70P Size
Contact NIC for
NPIM_P Performance Curves


Similar Part No. - NPIM73P3R3MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM73B NIC-NPIM73B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B100MTRF NIC-NPIM73B100MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B100MTRF NIC-NPIM73B100MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B150MTRF NIC-NPIM73B150MTRF Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM73B150MTRF NIC-NPIM73B150MTRF Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM73P3R3MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com