Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM104P6R8MTRF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NPIM104P6R8MTRF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM104P6R8MTRF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NPIM104P6R8MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIM104P6R8MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Part Number
STANDARD VALUES - CASE Size 74P (7.3 x 6.6 x 2.8)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM74PR22YTRF
0.22 ± 30%
2.1
2.8
23.0
40.0
100KHz
NPIM74PR33MTRF
0.33 ± 20%
3.5
3.9
20.0
32.0
NPIM74PR47MTRF
0.47 ± 20%
4.0
4.2
17.5
26.0
NPIM74PR56MTRF
0.56 ± 20%
4.7
5.0
16.5
25.5
NPIM74PR68MTRF
0.68 ± 20%
4.8
5.5
15.5
25.0
NPIM74PR75MTRF
0.75 ± 20%
5.5
6.6
14.5
24.5
NPIM74PR82MTRF
0.82 ± 20%
6.7
8.0
13.0
24.0
NPIM74P1R0MTRF
1.00 ± 20%
8.3
10
11.0
22.0
NPIM74P1R5MTRF
1.50 ± 20%
13
15
9.0
18.0
NPIM74P1R8MTRF
1.80 ± 20%
14
17
8.5
16.0
NPIM74P2R2MTRF
2.20 ± 20%
18
20
8.0
14.0
NPIM74P2R5MTRF
2.50 ± 20%
20
22
7.0
13.0
NPIM74P3R3MTRF
3.30 ± 20%
28
30
6.0
13.5
NPIM74P4R7MTRF
4.70 ± 20%
37
40
5.5
10
NPIM74P5R6MTRF
5.60 ± 20%
43
48
5.0
9.0
NPIM74P6R8MTRF
6.80 ± 20%
54
60
4.5
8.0
NPIM74P8R2MTRF
8.20 ± 20%
64
68
4.0
7.5
NPIM74P100MTRF
10.0 ± 20%
75
85
3.5
6.0
NPIM74P220MTRF
22.0 ± 20%
165
190
2.0
3.5
NPIM74P330MTRF
33.0 ± 20%
200
240
2.0
2.5
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat
Part Number
STANDARD VALUES - CASE Size 84P (8.90 x 8.25 x 4.0)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM84PR19MTRF
0.19 ±20%
1.18
1.35
34.0
22.0
100KHz
NPIM84PR33MTRF
0.33 ±20%
1.60
2.15
27.5
16.0
NPIM84PR47MTRF
0.47 ±20%
2.22
2.38
25.0
14.0
NPIM84PR68MTRF
0.68 ±20%
2.90
3.22
22.2
14.5
NPIM84PR82MTRF
0.82 ±20%
2.81
3.88
19.5
15.0
NPIM84P1R0MTRF
1.0 ±20%
4.03
4.63
18.2
12.0
NPIM84P2R2MTRF
2.2 ±20%
8.80
9.41
14.2
10.2
NPIM84P3R3MTRF
3.3 ±20%
12.45
14.9
10.5
9.7
NPIM84P4R7MTRF
4.7 ±20%
19.80
22.6
8.0
8.7
NPIM84P5R6MTRF
5.6 ±20%
24.53
28.6
7.4
7.6
NPIM84P6R8MTRF
6.8 ±20%
28.34
33.4
7.0
6.7
NPIM84P8R2MTRF
8.2 ±20%
39.64
45.0
5.7
6.6
NPIM84P100MTRF
10 ±20%
44.15
51.8
5.4
6.4
NPIM84P150MTRF
15 ±20%
53.50
65.3
4.9
3.7
NPIM84P220MTRF
22 ±20%
70.47
94.2
4.3
3.3
NPIM84P330MTRF
33 ±20%
114.78
144
3.2
3.2
NPIM84P470MTRF
47 ±20%
149.00
155
1.9
2.0
NPIM74P Size
NPIM84P Size


Similar Part No. - NPIM104P6R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM104PA NIC-NPIM104PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA100MTRQYF NIC-NPIM104PA100MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA150MTRQYF NIC-NPIM104PA150MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA1R0MTRQYF NIC-NPIM104PA1R0MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
NPIM104PA1R5MTRQYF NIC-NPIM104PA1R5MTRQYF Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM104P6R8MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com