Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APXE4R0ARA271MF61G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # APXE4R0ARA271MF61G
Description  Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXE4R0ARA271MF61G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  APXE4R0ARA271MF61G Datasheet HTML 1Page - United Chemi-Con, Inc. APXE4R0ARA271MF61G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
●Super low ESR, impedance and high heat resistance have been obtained by using
conductive polymer as electrolyte.
(ESR and rated ripple current values are improved from PXA series.)
●Rated voltage range : 2.5 to 16Vdc, Capacitance range : 33 to 2,700µF
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 105
℃)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Bias Humidity
Surge Voltage
Failure Rate
Items
-55 to +105
2.5 to 16Vdc
±20% (M)
Rated voltage
×1.15
Shall not exceed values shown in STANDARD RATINGS.
0.12 max.
Z(-25
℃)/Z(+20℃)≦1.15
Z(-55
℃)/Z(+20℃)≦1.25
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 2,000 hours
at 105
℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
DF (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to the DC rated voltage at
60
℃, 90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
DF (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
through a protective resistor(R=1k
Ω) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
DF (tan
δ)
≦150% of the initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
Characteristics
◆PART NUMBERING SYSTEM
◆DIMENSIONS [mm]
L
±0.3 (Note)
(Note) L±0.5 for HA0, HC0, JA0, JC0
0.3max.
A
±0.2
W
Size Code
E61
F61
F80
H70
H80
HA0
HC0
J80
JA0
JC0
φD
5
6.3
6.3
8
8
8
8
10
10
10
L
5.8
5.8
7.7
6.7
7.7
10.0
12.0
7.7
10.0
12.2
A
5.3
6.6
6.6
8.3
8.3
8.3
8.3
10.3
10.3
10.3
B
5.3
6.6
6.6
8.3
8.3
8.3
8.3
10.3
10.3
10.3
C
5.9
7.2
7.2
9.0
9.0
9.0
9.0
11.0
11.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
0.7 to 1.1
P
1.4
1.9
1.9
3.1
3.1
3.1
3.1
4.5
4.5
4.5
◆MARKING
E49A
390
2.5V
EX) 2.5V390
µF
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105
℃.
Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47μF:470,100μF:101)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100)
Series code
Category
AP X E
A R A
G
M
13
4
2
6
7
8
9
10
13
12
518
17
16
11
15
14
Please refer to "Product code guide (conductive polymer type)"
Lower ESR
PXE
Lower ESR
PXA
PXF
●Suitable for DC-DC converters, voltage regulators and decoupling applications used on
computer motherboards etc.
●RoHS Compliant
●Halogen Free
Surface Mount
CAT. No. E1001L
(1/2)


Similar Part No. - APXE4R0ARA271MF61G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APXE4R0ARA271MF61G CHEMI-CON-APXE4R0ARA271MF61G Datasheet
56Kb / 2P
   Aluminum Solid Capacitors
APXE4R0ARA271MF61G CHEMI-CON-APXE4R0ARA271MF61G Datasheet
301Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXE4R0ARA271MF61G CHEMI-CON-APXE4R0ARA271MF61G Datasheet
301Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APXE4R0ARA271MF61G

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com