Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E92L421VND821MA80T Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # E92L421VND821MA80T
Description  High Ripple Snap Mount Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E92L421VND821MA80T Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button E92L421VND821MA80T Datasheet HTML 6Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 7Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 8Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 9Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 10Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 11Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 12Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 13Page - United Chemi-Con, Inc. E92L421VND821MA80T Datasheet HTML 14Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10
U91F Series
Engineering Bulletin Aug 2013
500 Volts
550 Volts Surge
470
E91F501VND471MA80T
35
80
A80
0.169
3.0
560
E91F501VND561MAA0T
35
100
AA0
0.142
3.7
330
E91F501VND331MB50T
40
50
B50
0.253
2.3
470
E91F501VND471MB65T
40
65
B65
0.178
2.9
680
E91F501VND681MB80T
40
80
B80
0.123
3.8
820
E91F501VND821MBA0T
40
100
BA0
0.102
4.5
390
E91F501VNT391MU50T
45
50
U50
0.225
2.5
560
E91F501VNT561MU65T
45
65
U65
0.156
3.3
820
E91F501VNT821MU80T
45
80
U80
0.107
4.3
1,000
E91F501VNT102MUA5T
45
105
UA5
0.088
5.3
560
E91F501VNT561MC50T
50
50
C50
0.164
3.1
820
E91F501VNT821MC65T
50
65
C65
0.112
4.0
1,000
E91F501VNT102MC80T
50
80
C80
0.092
4.9
1,200
E91F501VNT122MCA5T
50
105
CA5
0.076
6.0
Product specifications are subject to change without notice.
Ask for UCC product bulletins and review specifications before purchase and/or use. Please use our products based on parameters specified in our bulletins.
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
For construction and terminal options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - E92L421VND821MA80T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results

Similar Description - E92L421VND821MA80T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E92L351VSN CHEMI-CON-E92L351VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92X351VNT CHEMI-CON-E92X351VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VSN CHEMI-CON-E92L451VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VNT CHEMI-CON-E92L501VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VSN CHEMI-CON-E92L3J1VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L401VSN CHEMI-CON-E92L401VSN Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L451VND CHEMI-CON-E92L451VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L501VND CHEMI-CON-E92L501VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VND CHEMI-CON-E92L3J1VND Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L3J1VNT CHEMI-CON-E92L3J1VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
E92L421VNT CHEMI-CON-E92L421VNT Datasheet
1Mb / 32P
   High Ripple Snap Mount Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com